Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W949D6CBHX5I Datasheet(PDF) 6 Page - Winbond

Part # W949D6CBHX5I
Description  512Mb Mobile LPDDR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W949D6CBHX5I Datasheet(HTML) 6 Page - Winbond

Back Button W949D6CBHX5I Datasheet HTML 2Page - Winbond W949D6CBHX5I Datasheet HTML 3Page - Winbond W949D6CBHX5I Datasheet HTML 4Page - Winbond W949D6CBHX5I Datasheet HTML 5Page - Winbond W949D6CBHX5I Datasheet HTML 6Page - Winbond W949D6CBHX5I Datasheet HTML 7Page - Winbond W949D6CBHX5I Datasheet HTML 8Page - Winbond W949D6CBHX5I Datasheet HTML 9Page - Winbond W949D6CBHX5I Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
W949D6CB / W949D2CB
512Mb Mobile LPDDR
Publication Release Date: Sep, 21, 2011
- 6 -
Revision A01-007
4. PIN DESCRIPTION
4.1 Signal Descriptions
SIGNAL NAME
TYPE
FUNCTION
DESCRIPTION
A [n : 0]
Input
Address
Provide the row address for ACTIVE commands, and the column
address and AUTO PRECHARGE bit for READ/WRITE
commands, to select one location out of the memory array in the
respective bank. The address inputs also provide the opcode
during a MODE REGISTER SET command.
A10 is used for Auto Pre-charge Select.
BA0, BA1
Input
Bank Select
Define to which bank an ACTIVE, READ, WRITE or
PRECHARGE command is being applied.
DQ0~DQ15 (×16)
DQ0~DQ31 (×32)
I/O
Data Input/
Output
Data bus: Input / Output.
CS
Input
Chip Select
CS enables (registered LOW) and disables (registered HIGH)
the command decoder. All commands are masked when
CS is
registered HIGH.
CS provides for external bank selection on
systems with multiple banks.
CS is considered part of the
command code.
RAS
Input
Row Address
Strobe
RAS , CAS and WE (along with CS ) define the command
being entered.
CAS
Input
Column Address
Strobe
Referred to
RAS
WE
Input
Write Enable
Referred to
RAS
UDM / LDM(x16);
DM0 to DM3 (x32)
Input
Input Mask
Input Data Mask: DM is an input mask signal for write data. Input
data is masked when DM is sampled HIGH along with that input
data during a WRITE access. DM is sampled on both edges of
DQS. Although DM pins are input-only, the DM loading matches
the DQ and DQS loading.
x16: LDM: DQ0 - DQ7, UDM: DQ8
– DQ15
x32: DM0: DQ0 - DQ7, DM1: DQ8
– DQ15,
DM2: DQ16
– DQ23, DM3: DQ24 – DQ31
CK / CK
Input
Clock Inputs
CK and CK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of
CK and negative edge of CK .Input and output data is referenced
to the crossing of CK and CK (both directions of crossing).
Internal clock signals are derived from CK/ CK .


Similar Part No. - W949D6CBHX5I

ManufacturerPart #DatasheetDescription
logo
Winbond
W949D6CBHX5G WINBOND-W949D6CBHX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
More results

Similar Description - W949D6CBHX5I

ManufacturerPart #DatasheetDescription
logo
Winbond
W947D6HBHX6E-TR WINBOND-W947D6HBHX6E-TR Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W948D6FBHX5E-TR WINBOND-W948D6FBHX5E-TR Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W947D6HB WINBOND-W947D6HB Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB Datasheet
1Mb / 60P
   256Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB_12 Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB_13 Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
Nanya Technology Corpor...
NT6AN128M16AV NANYA-NT6AN128M16AV Datasheet
11Mb / 324P
   Commercial Mobile LPDDR 2Gb/4Gb(DDP) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com