Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P8E2R4VA-48 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P8E2R4VA-48
Description  2.4VA 50Hz/60Hz LINE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P8E2R4VA-48 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P8E2R4VA-48 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.4VA 50Hz/60Hz LINE
TRANSFORMER
• RoHS Compliant Product
• Hipot: 2500V
RMS (Primaries to Secondaries)
• Class A (105°C) UL1411 equivalent
• Operating Temperature: -40°C to +105°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P8E2R4VA-XXX
0606JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Mechanical
Schematic
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
P8E2R4VA SERIES
ELECTRICAL SPECIFICATION @ 25°C
Primary
Secondary RMS Rating
115V input (1+3, 2+4)
Series Output (5-8)
Connect 6+7
Parallel Output (5-6)
Connect 5+7, 6+8
230V input (1-4 with 2+3)
Part No
Voltage
Current
Voltage
Current
P8E2R4VA-
(V)
(A)
(V)
(A)
10
10
0.250
5
0.500
12R6
12.6
0.200
6.3
0.400
16
16
0.150
8
0.300
20
20
0.120
10
0.240
24
24
0.100
12
0.200
28
28
0.085
14
0.170
36
36
0.065
18
0.130
48
48
0.050
24
0.100
56
56
0.045
28
0.090
120
120
0.020
60
0.040


Similar Part No. - P8E2R4VA-48

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA-10 MPSIND-P8E5VA-10 Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA-12R6 MPSIND-P8E5VA-12R6 Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA-16 MPSIND-P8E5VA-16 Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA-20 MPSIND-P8E5VA-20 Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
More results

Similar Description - P8E2R4VA-48

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
logo
Allied Components Inter...
AEI35-3855 ALLIED-AEI35-3855 Datasheet
397Kb / 2P
   24V 2.4VA Power Transformer
logo
Panasonic Semiconductor
AN5560 PANASONIC-AN5560 Datasheet
105Kb / 2P
   50Hz and 60Hz Detection IC for TV
logo
Monolithic Power System...
EVX2001-Y-00B MPS-EVX2001-Y-00B Datasheet
794Kb / 15P
   90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
logo
ABB
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
   A9-30-10 24V 50Hz / 24V 60Hz Contactor
logo
Linear Technology
LTC2413 LINER-LTC2413_15 Datasheet
462Kb / 44P
   24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
LTC2413 LINER-LTC2413 Datasheet
454Kb / 44P
   24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
logo
List of Unclassifed Man...
3FD-348 ETC2-3FD-348 Datasheet
493Kb / 2P
   THREE FLANGE DUAL PRIMARY 2.4VA PC BOARD POWER TRANSFORMER
logo
ABB
A16-30-10 ABB-A16-30-10 Datasheet
126Kb / 5P
   A16-30-10 220-230V 50Hz / 230-240V 60Hz 2
logo
Schneider Electric
GVAU505 SCHNEIDER-GVAU505 Datasheet
93Kb / 4P
   Undervoltage release (MN), TeSys Deca, 500V AC 50Hz / 600V AC 60Hz
May 13, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com