Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29GL032CT7B Datasheet(PDF) 8 Page - Winbond

Part # W29GL032CT7B
Description  32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL032CT7B Datasheet(HTML) 8 Page - Winbond

Back Button W29GL032CT7B Datasheet HTML 4Page - Winbond W29GL032CT7B Datasheet HTML 5Page - Winbond W29GL032CT7B Datasheet HTML 6Page - Winbond W29GL032CT7B Datasheet HTML 7Page - Winbond W29GL032CT7B Datasheet HTML 8Page - Winbond W29GL032CT7B Datasheet HTML 9Page - Winbond W29GL032CT7B Datasheet HTML 10Page - Winbond W29GL032CT7B Datasheet HTML 11Page - Winbond W29GL032CT7B Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
W29GL032C
2
3 PIN CONFIGURATIONS
Figure 3-1
LFBGA64 TOP VIEW
(FACE DOWN)
NC
NC
A16
#BYTE
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
#OE
VSS
#CE
A0
NC
EVIO
NC
NC
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
#WE
#RESET
NC
#WP/ACC
RY/#BY
A18
A17
A7
A6
A5
A4
A3
A2
A1
NC
NC
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Figure 3-2
56-PIN STANDARD TSOP
(TOP VIEW)
A6
A13
B6
A12
C6
A14
D6
A15
E6
A16
F6
#BYTE
G6
DQ15/A-1
H6
VSS
A5
A9
B5
A8
C5
A10
D5
A11
E5
DQ7
F5
DQ14
G5
DQ13
H5
DQ6
A4
#WE
B4
#RESET
C4
NC
D4
A19
E4
DQ5
F4
DQ12
G4
VCC
H4
DQ4
A3
RY/#BY
B3
#WP/ACC
C3
A18
D3
A20
E3
DQ2
F3
DQ10
G3
DQ11
H3
DQ3
A2
A7
B2
A17
C2
A6
D2
A5
E2
DQ0
F2
DQ8
G2
DQ9
H2
DQ1
A1
A3
B1
A4
C1
A2
D1
A1
E1
A0
F1
#CE
G1
#OE
H1
VSS
Figure 3-3
TFBGA48 TOP VIEW
(FACE DOWN)
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
#WE
#RESET
NC
#WP/ACC
RY/#BY
A18
A17
A7
A6
A5
A4
A3
A2
A1
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
#WE
#RESET
NC
#WP/ACC
RY/#BY
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
#BYTE
VSS
DQ15/A-
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
#OE
VSS
A0
#CE
A16
#BYTE
VSS
DQ15/A-
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
#OE
VSS
A0
#CE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Figure 3-4
48-PIN STANDARD TSOP
(TOP VIEW)


Similar Part No. - W29GL032CT7B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032CT7B WINBOND-W29GL032CT7B Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results

Similar Description - W29GL032CT7B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032C WINBOND-W29GL032C_13 Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C_13 Datasheet
1Mb / 68P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com