Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25X40BLDAIG Datasheet(PDF) 5 Page - Winbond

Part # W25X40BLDAIG
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40BLDAIG Datasheet(HTML) 5 Page - Winbond

  W25X40BLDAIG Datasheet HTML 1Page - Winbond W25X40BLDAIG Datasheet HTML 2Page - Winbond W25X40BLDAIG Datasheet HTML 3Page - Winbond W25X40BLDAIG Datasheet HTML 4Page - Winbond W25X40BLDAIG Datasheet HTML 5Page - Winbond W25X40BLDAIG Datasheet HTML 6Page - Winbond W25X40BLDAIG Datasheet HTML 7Page - Winbond W25X40BLDAIG Datasheet HTML 8Page - Winbond W25X40BLDAIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
W25X40BL
Publication Release Date: April 21, 2011
- 5 -
Preliminary - Revision B
3. PACKAGE TYPES AND PIN CONFIGURATIONS
W25X40BL is offered in an 8-pin SOIC 150-mil or 208-mil (package code SN & SS), an 8-pin VSOP
150-mil (package code SV), an 8-pad WSON 6x5-mm (package code ZP), an 8-pad USON 2x3-mm
(package code UX) and an 8-pin PDIP 300-mil (package code DA) as shown in Figure 1a-c
respectively. Package diagrams and dimensions are illustrated at the end of this datasheet.
3.1 Pin Configuration SOIC 150 / 208-mil, VSOP 150-mil
1
2
3
4
8
7
6
5
/CS
DO (IO1)
/WP
GND
Top View
VCC
/HOLD
DIO (IO0)
CLK
Figure 1a. W25X40BL Pin Assignments, 8-pin SOIC 150 / 208-mil, VSOP 150-mil (Package Code SN, SS & SV)
3.2 Pad Configuration WSON 6x5-mm, USON 2x3-mm
1
2
3
4
/CS
DO (IO1)
/WP
GND
VCC
/HOLD
DIO (IO0)
CLK
Top View
8
7
6
5
Figure 1b. W25X40BL Pad Assignments, 8-pad WSON 6X5-mm, USON 2x3-mm (Package Code ZP & UX)


Similar Part No. - W25X40BLDAIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40BLDAIG WINBOND-W25X40BLDAIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X40BLDAIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40CL WINBOND-W25X40CL Datasheet
1Mb / 53P
   2.5/3/3.3 V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com