Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29GL032C Datasheet(PDF) 19 Page - Winbond

Part # W29GL032C
Description  32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL032C Datasheet(HTML) 19 Page - Winbond

Back Button W29GL032C Datasheet HTML 15Page - Winbond W29GL032C Datasheet HTML 16Page - Winbond W29GL032C Datasheet HTML 17Page - Winbond W29GL032C Datasheet HTML 18Page - Winbond W29GL032C Datasheet HTML 19Page - Winbond W29GL032C Datasheet HTML 20Page - Winbond W29GL032C Datasheet HTML 21Page - Winbond W29GL032C Datasheet HTML 22Page - Winbond W29GL032C Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
W29GL032C
Publication Release Date: October 18, 2011
13
Preliminary - Revision E
7.2.17.3 Read Silicon Device ID Code
To verify the Silicon Device ID Codes, execute a Read Operation with VHH applied to the A9 pin and
address pins A6, A3, A2, A1, and A0 have several bit combinations to return the Winbond Device ID
codes of 7Eh, 21h or 01h, which is shown on the data bits DQ[7:0]. See Table 7-2.
7.2.17.4 Read Indicator Bit DQ7 for Security Sector High and Low Address
To verify that the Security Sector has been factory locked, execute a Read Operation with VHH applied
to A9, address pins A6, A3, and A2 are held Low, and address pins A1 and A0 are held High. If the
Security Sector has been factory locked, the code 9Ah(Highest Address Sector) or 8Ah(Lowest
Address Sector) will be shown on the data bits DQ[7:0]. Otherwise, the factory unlocked code of
1Ah(H)/0A(L) will be shown.
7.2.18 Automatic Select Operations
The Automatic Select instruction show in Table 7-13 can be executed if the device is in one of the
following modes; Read, Program Suspended, Erase-Suspended Read, or CFI. At which time the user
can issue (two unlock cycles followed by the Automatic Select instruction 90h) to enter Automatic
Select mode. Once in the Automatic Select mode, the user can query the Manufacturer ID, Device ID,
Security Sector locked status, or Sector protected status multiple times without executing the unlock
cycles and a Automatic Select instruction (90h) again.
Once in Automatic Select mode, executing a Reset instruction (F0h) will return the device back to the
valid mode from which it left when the Automatic Select mode was first executed.
Another way previously mentioned to enter Automatic Select mode is to use one of the bus operation
shown Table 7-2 in Device Bus Operation. Once the high voltage (VHH) is removed from the A9 pin,
the device will return back to the valid mode from which it left when the Automatic Select mode was
first executed.
7.2.19 Automatic Select Instruction Sequence
Accessing the manufacturer ID, device ID, and verifying whether or not secured silicon is locked and
whether or not a sector protected is the purpose of Automatic Select mode. There are four instruction
cycles that comprise the Automatic Select mode. The first two cycles are write unlock commands,
followed by the Automatic Select instruction (90h). The fourth cycle is a read cycle, and the user may
read at any address any number of times without entering another instruction sequence. To exit the
Automatic Select mode and back to read array, the Reset instruction is necessary. No other
instructions are allowed except the Reset Instruction once Automatic Select mode has been selected.
Refer to the following table for more detailed information.
Address
Data (hex)
Representation
Manufacturer ID
Word
X00
01
Byte
X00
01
Device ID
H/L
Word
X01/0E/0F
227E/221D/2201
Byte
X02/1C/1E
7E/1D/01
T/B Word
X01/0E/0F
227E/221A/2201(T)/2200(B)
Byte
X02/1C/1E
7E/1A/01(T)/00(B)
Secure Silicon
Word
X03
9A/1A(H)
Factory locked/unlocked
8A/0A(L)
Byte
X06
9A/1A(H)
Factory locked/unlocked
8A/0A(L)
Sector Protect Verify
Word (Sector address) X02
00/01
Unprotected/protected
Byte Sector address) X04
00/01
Unprotected/protected
Table 7-9
Auto Select for MFR/Device ID/Secure Silicon/Sector Protect Read


Similar Part No. - W29GL032C

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032C WINBOND-W29GL032C Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032CB7A WINBOND-W29GL032CB7A Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032CB7B WINBOND-W29GL032CB7B Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032CB7S WINBOND-W29GL032CB7S Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032CB7T WINBOND-W29GL032CB7T Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results

Similar Description - W29GL032C

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032C WINBOND-W29GL032C_13 Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C_13 Datasheet
1Mb / 68P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com