Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q64CV Datasheet(PDF) 7 Page - Winbond

Part # W25Q64CV
Description  3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64CV Datasheet(HTML) 7 Page - Winbond

Back Button W25Q64CV Datasheet HTML 3Page - Winbond W25Q64CV Datasheet HTML 4Page - Winbond W25Q64CV Datasheet HTML 5Page - Winbond W25Q64CV Datasheet HTML 6Page - Winbond W25Q64CV Datasheet HTML 7Page - Winbond W25Q64CV Datasheet HTML 8Page - Winbond W25Q64CV Datasheet HTML 9Page - Winbond W25Q64CV Datasheet HTML 10Page - Winbond W25Q64CV Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
W25Q64CV
Publication Release Date: April 01, 2011
- 7 -
Revision C
3.3 Pin Configuration PDIP 300-mil
1
2
3
4
8
7
6
5
/CS
DO (IO
1)
/WP (IO
2)
GND
VCC
/HOLD (IO
3)
DI (IO
0)
CLK
Top View
Figure 1c. W25Q64CV Pin Assignments, 8-pin PDIP 300-mil (Package Code DA)
3.4 Pin Description SOIC 208-mil, WSON 6x5/8x6-mm and PDIP 300-mil
PIN NO.
PIN NAME
I/O
FUNCTION
1
/CS
I
Chip Select Input
2
DO (IO1)
I/O
Data Output (Data Input Output 1)*
1
3
/WP (IO2)
I/O
Write Protect Input ( Data Input Output 2)*
2
4
GND
Ground
5
DI (IO0)
I/O
Data Input (Data Input Output 0)*
1
6
CLK
I
Serial Clock Input
7
/HOLD (IO3)
I/O
Hold Input (Data Input Output 3)*
2
8
VCC
Power Supply
*1 IO0 and IO1 are used for Standard and Dual SPI instructions
*2 IO0 – IO3 are used for Quad SPI instructions


Similar Part No. - W25Q64CV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAIG WINBOND-W25Q64CVDAIG Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVSFIG WINBOND-W25Q64CVSFIG Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVSSIG WINBOND-W25Q64CVSSIG Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVSTIG WINBOND-W25Q64CVSTIG Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q64CV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV_13 Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64JV WINBOND-W25Q64JV Datasheet
2Mb / 77P
   3V 64M-bit serial flash memory with dualm quad spi
W25Q64BV WINBOND-W25Q64BV Datasheet
1Mb / 61P
   64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64JV-DTR WINBOND-W25Q64JV-DTR Datasheet
2Mb / 101P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI & DTR
March 27, 2018 Revision J
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com