Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q20BWZPIG Datasheet(PDF) 2 Page - Winbond

Part # W25Q20BWZPIG
Description  1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q20BWZPIG Datasheet(HTML) 2 Page - Winbond

  W25Q20BWZPIG Datasheet HTML 1Page - Winbond W25Q20BWZPIG Datasheet HTML 2Page - Winbond W25Q20BWZPIG Datasheet HTML 3Page - Winbond W25Q20BWZPIG Datasheet HTML 4Page - Winbond W25Q20BWZPIG Datasheet HTML 5Page - Winbond W25Q20BWZPIG Datasheet HTML 6Page - Winbond W25Q20BWZPIG Datasheet HTML 7Page - Winbond W25Q20BWZPIG Datasheet HTML 8Page - Winbond W25Q20BWZPIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
W25Q20BW
- 2 -
Table of Contents
1.
............................................................................................................... 5
GENERAL DESCRIPTION
2.
....................................................................................................................................... 5
FEATURES
3.
............................................................................................ 6
PIN CONFIGURATION SOIC 150-MIL
4.
............................................................. 6
PAD CONFIGURATION WSON 6X5-MM, USON 2X3-MM
5.
........................................ 6
PIN DESCRIPTION SOIC 150-MIL, WSON 6X5-MM & USON 2X3-MM
5.1
..................................................................................................................... 7
Package Types
5.2
.................................................................................................................. 7
Chip Select (/CS)
5.3
.................................... 7
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3)
5.4
............................................................................................................... 7
Write Protect (/WP)
5.5
..................................................................................................................... 7
HOLD (/HOLD)
5.6
................................................................................................................ 7
Serial Clock (CLK)
6.
............................................................................................................................ 8
BLOCK DIAGRAM
7.
......................................................................................................... 9
FUNCTIONAL DESCRIPTION
7.1
............................................................................................................... 9
SPI OPERATIONS
7.1.1
.......................................................................................................9
Standard SPI Instructions
7.1.2
..............................................................................................................9
Dual SPI Instructions
7.1.3
.............................................................................................................9
Quad SPI Instructions
7.1.4
.........................................................................................................................9
Hold Function
7.2
....................................................................................................... 10
WRITE PROTECTION
7.2.1
..........................................................................................................10
Write Protect Features
8.
........................................................................................ 11
CONTROL AND STATUS REGISTERS
8.1
.......................................................................................................... 11
STATUS REGISTER
8.1.1
....................................................................................................................................11
BUSY
8.1.2
....................................................................................................11
Write Enable Latch (WEL)
8.1.3
......................................................................................11
Block Protect Bits (BP2, BP1, BP0)
8.1.4
.............................................................................................11
Top/Bottom Block Protect (TB)
8.1.5
..................................................................................................11
Sector/Block Protect (SEC)
8.1.6
.................................................................................................12
Complement Protect (CMP)
8.1.7
.................................................................................12
Status Register Protect (SRP1, SRP0)
8.1.8
................................................................................12
Erase/Program Suspend Status (SUS)
8.1.9
................................................................12
Security Register Lock Bits (LB3, LB2, LB1, LB0)
8.1.10
..............................................................................................................13
Quad Enable (QE)
8.1.11
...................................................................14
Status Register Memory Protection (CMP = 0)
8.1.12
...................................................................15
Status Register Memory Protection (CMP = 1)
8.2
................................................................................................................. 16
INSTRUCTIONS
8.2.1
................................................................................16
Manufacturer and Device Identification
8.2.2
..........................................................17
Instruction Set Table 1 (Erase, Program Instructions)


Similar Part No. - W25Q20BWZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q20BWZPIG WINBOND-W25Q20BWZPIG Datasheet
1Mb / 72P
   1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q20BWZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q20BW WINBOND-W25Q20BW_13 Datasheet
1Mb / 72P
   1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BWSSIG-TR WINBOND-W25Q80BWSSIG-TR Datasheet
1Mb / 75P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BW WINBOND-W25Q40BW Datasheet
2Mb / 70P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW_13 Datasheet
1Mb / 74P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BW WINBOND-W25Q40BW_13 Datasheet
2Mb / 73P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW Datasheet
2Mb / 71P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q256JW WINBOND-W25Q256JW Datasheet
2Mb / 95P
   1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q128JW WINBOND-W25Q128JW Datasheet
2Mb / 79P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
July 29, 2021
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com