Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W19B320AB Datasheet(PDF) 5 Page - Winbond

Part # W19B320AB
Description  4M 횞 8/2M 횞 16 BITS 3V FLEXIBLE BANK FLASH MEMORY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W19B320AB Datasheet(HTML) 5 Page - Winbond

  W19B320AB Datasheet HTML 1Page - Winbond W19B320AB Datasheet HTML 2Page - Winbond W19B320AB Datasheet HTML 3Page - Winbond W19B320AB Datasheet HTML 4Page - Winbond W19B320AB Datasheet HTML 5Page - Winbond W19B320AB Datasheet HTML 6Page - Winbond W19B320AB Datasheet HTML 7Page - Winbond W19B320AB Datasheet HTML 8Page - Winbond W19B320AB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
W19B320AT/B
Publication Release Date: December 27, 2005
- 5 -
Revision A4
• #WP/ACC input pin
− Write protect (#WP) function allows
protection of two outermost boot sectors,
regardless of sector protection status
− Acceleration (ACC) function accelerates
program timing
• Sector Protection
− Sectors can be locked in-system or via
programmer
− Temporary Sector Unprotect allows changing
data in protected sectors in-system
3. PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DQ15/A-1
A9
A10
A11
A12
A13
A14
A15
#OE
48-pin
TSOP
24
23
A17
A16
#WE
#CE
A7
A6
A5
A4
A3
A2
A1
A0
21
22
48
47
46
45
44
43
42
41
#WP/ACC
NC
A18
RY/#BY
#RESET
A20
A19
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
V DD
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
#BYTE
Vss
Vss
A8
48-Ball TFBGA
(Top View, Balls Face Down)
A6
A5
A4
A3
A2
A1
#CE
A3
B6
B5
B4
B3
B2
B1
C6
C5
C4
C3
C2
C1
D6
D5
D4
D3
D2
D1
E6
E5
E4
E3
E2
E1
F6
F5
F4
F3
F2
F1
G6
G5
G4
G3
G2
G1
H6
H5
H4
H3
H2
H1
A4
A2
A1
A0
#OE
A7
A17
A6
A5
DQ0
DQ8
DQ9
DQ1
RY/#BY
A18
A20
DQ2
DQ10
DQ11
DQ3
#WP/ACC
#WE
#RESET
NC
A19
DQ5
DQ12
V DD
DQ4
A9
A8
A10
A11
DQ7
DQ14
DQ13
DQ6
A13
A12
A14
A15
A16
#BYTE
DQ15/A-1
Vss
Vss


Similar Part No. - W19B320AB

ManufacturerPart #DatasheetDescription
logo
Winbond
W19B320B WINBOND-W19B320B Datasheet
661Kb / 51P
   32Mbit, 2.7~3.6-volt single bank CMOS flash memory
W19B320BB WINBOND-W19B320BB Datasheet
661Kb / 56P
   2.7~3.6-volt write (program and erase) operations
W19B320BB WINBOND-W19B320BB Datasheet
661Kb / 51P
   32Mbit, 2.7~3.6-volt single bank CMOS flash memory
W19B320BB-H WINBOND-W19B320BB-H Datasheet
661Kb / 56P
   2.7~3.6-volt write (program and erase) operations
W19B320BB-M WINBOND-W19B320BB-M Datasheet
661Kb / 56P
   2.7~3.6-volt write (program and erase) operations
More results

Similar Description - W19B320AB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
logo
Sharp Corporation
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
   Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF32J02 SHARP-LHF32J02 Datasheet
3Mb / 51P
   Flash Memory 32M (2M 횞 16/4M 횞 8)
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
logo
Sharp Corporation
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LH28F016LL SHARP-LH28F016LL Datasheet
254Kb / 29P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com