Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR192W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BCR192W
Description  PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCR192W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BCR192W Datasheet HTML 1Page - Siemens Semiconductor Group BCR192W Datasheet HTML 2Page - Siemens Semiconductor Group BCR192W Datasheet HTML 3Page - Siemens Semiconductor Group BCR192W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
Nov-27-1996
BCR 192W
DC Current Gain
hFE = f (IC)
VCE = 5V (common emitter configuration)
10
-1
10
0
10
1
mA
I
C
0
10
1
10
2
10
3
10
-
h
FE
Collector-Emitter Saturation Voltage
VCEsat = f(IC), hFE = 20
0.0
0.2
0.4
0.6
V
1.0
V
CEsat
0
10
1
10
2
10
mA
I
C
Input on Voltage
Vi(on) = f(IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
V
V
i(on)
-1
10
0
10
1
10
2
10
mA
I
C
Input off voltage
Vi(off) = f(IC)
VCE = 5V (common emitter configuration)
0.0
0.5
1.0
1.5
V
2.5
V
i(off)
-3
10
-2
10
-1
10
0
10
1
10
mA
I
C


Similar Part No. - BCR192W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR192W INFINEON-BCR192W Datasheet
206Kb / 9P
   PNP Silicon Digital Transistor
Aug-29-2003
BCR192W INFINEON-BCR192W Datasheet
231Kb / 10P
   PNP Silicon Digital Transistor
2007-08-02
BCR192W INFINEON-BCR192W Datasheet
841Kb / 8P
   PNP Silicon Digital Transistor
2011-08-30
More results

Similar Description - BCR192W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR158W SIEMENS-BCR158W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR183 SIEMENS-BCR183 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR183W SIEMENS-BCR183W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR191W SIEMENS-BCR191W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR562 SIEMENS-BCR562 Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR583 SIEMENS-BCR583 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR166W SIEMENS-BCR166W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR169 SIEMENS-BCR169 Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR198W SIEMENS-BCR198W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR185 SIEMENS-BCR185 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com