Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N31102S Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # N31102S
Description  10/100 BASE-T SINGLE PORT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

N31102S Datasheet(HTML) 1 Page - MPS Industries, Inc.

  N31102S Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/100 BASE-T SINGLE PORT
• RoHS Compliant Product
• Inductance: 350µH Min @ 100KHz, 0.1V
RMS with 8mA DC
• Hipot: 1500V
RMS
• Add L after part no. for low profile (height = 0.086”/2,20mm)
• Add X after part no. for extended operating temperature:
-40°C to +85°C (not applicable to low profile package)
Product performance is limited to specified parameter. Data is subject to change without prior notice.
N311XXS
0602JW
Mechanical
Schematic
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
ELECTRICAL SPECIFICATION @ 25°C
PART
TURNS
INSERTION
RETURN LOSS
DCMR
CROSS TALK
SCHEMAITC
NUMBER
RATIO
LOSS
(dB) TYP
(dB) TYP
(dB) TYP
0.1-100MHz
TX
RX
(dB) Max
30MHz 60MHz 80MHz 30MHz 50MHz 100MHz 30MHz 60MHz 100MHz
N31100S
2:1
1:1
1:1
-20
-14
-11.5
-42
-37
-33
-45
-40
-35
A
N31101S
1.25:1
1:1
-1.1
-20
-14
-11.5
-42
-37
-33
-45
-40
-35
A
N31102S
1:1
1:1
-1.1
-20
-14
-11.5
-42
-37
-33
-45
-40
-35
A
N31103S
1:1.414 1:1
-1.1
-18
-12
-11.5
-42
-37
-33
-45
-40
-35
A
N31104S
1:1
1:1
-1.0
-18
-14
-12
-40
-40
-40
-35
-35
-35
C
N31105S
1:1
1:1
-1.0
-20
-14
-12
-42
-37
-32
-45
-40
-35
C
N31106S
1:1
1:1
0.9
-18
12
-11
-40
-35
-30
-45
-45
-37
B
N31188S
1:1
1:1
-1.1
-20
-14
-12
-42
-37
-32
-45
-40
-35
A
N31260S
1:1
1:1
-1.1
-16
-10
-10
-42
-37
-32
-45
-40
-33
C
A
B
C
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - N31102S

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N31102S MPSIND-N31102S Datasheet
156Kb / 1P
   10/100 BASE-T SINGLE PORT
More results

Similar Description - N31102S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
6683-6686 APITECH-6683-6686 Datasheet
387Kb / 1P
   10/100 Base-T Single Port
logo
MPS Industries, Inc.
N31XXXS MPSIND-N31XXXS Datasheet
156Kb / 1P
   10/100 BASE-T SINGLE PORT
logo
List of Unclassifed Man...
HS2211 ETC1-HS2211 Datasheet
259Kb / 1P
   10/100 BASE-T SINGLE PORT
logo
Allied Components Inter...
AR11-3876 ALLIED-AR11-3876 Datasheet
410Kb / 2P
   SINGLE PORT RJ45 10/100 BASE-T
AHTA-1618S ALLIED-AHTA-1618S Datasheet
289Kb / 1P
   10/100 Base T Single Port Transformer
AH1601CS ALLIED-AH1601CS Datasheet
315Kb / 1P
   10/100 Base T Single Port Transformer
AR11-3780I ALLIED-AR11-3780I Datasheet
409Kb / 2P
   SINGLE PORT RJ45 10/100 BASE-T
AHSC-1605S ALLIED-AHSC-1605S Datasheet
293Kb / 1P
   10/100 Base T Single Port Transformer
AHTA-1603S ALLIED-AHTA-1603S Datasheet
284Kb / 1P
   10/100 Base T Single Port Transformer
AHTA-1609S ALLIED-AHTA-1609S Datasheet
291Kb / 1P
   10/100 Base T Single Port Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com