Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPU50-210 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MPU50-210
Description  50W Desk Top Switching Power Supplies For Medical Equipment.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPU50-210 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MPU50-210 Datasheet HTML 1Page - MPS Industries, Inc. MPU50-210 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Number
Output Voltage
Output Current
Total Regulation
M aximum
MPU50-100
2 ~
3 VDC
12.0 ~ 10.0 A
7%
30W
MPU50-101
3 ~
5 VDC
10.0 ~ 8.00 A
5%
40W
MPU50-102
5 ~
6 VDC
8.00 ~ 6.66 A
5%
40W
MPU50-103
6 ~
8 VDC
7.00 ~ 5.25 A
5%
42W
MPU50-104
8 ~ 11 VDC
5.63 ~ 4.00 A
4%
45W
MPU50-105
11 ~ 13 VDC
4.00 ~ 3.46 A
3%
45W
MPU50-106
13 ~ 16 VDC
3.46 ~ 2.81 A
3%
45W
MPU50-107
16 ~ 21 VDC
3.12 ~ 2.38 A
3%
50W
MPU50-108
21 ~ 27 VDC
2.30 ~ 1.85 A
2%
50W
MPU50-109
27 ~ 33 VDC
1.85 ~ 1.51 A
2%
50W
MPU50-110
33 ~ 40 VDC
1.51 ~ 1.25 A
2%
50W
MPU50-111
40
~ 50 VDC
1.25 ~ 1.00 A
2%
50W
Output Voltage And Current Rating Chart (Single Output) :
Note:
1. Dimensions are shown in
mm.
2. Weight: 510-560gs approx.
3. Optional output connector:
See page Appendix.
inches or
Mechanical Specifications:
Output Voltage And Current Rating Chart ( Multi Output ) :
MPU50 SERIES
Output # 1
Output #2
Output #3
Vonom Iomin Iomax Regmax Vonom
Iomin Iomax Regmax Vonom Iomin Iomax Regmax
Model
Number
MPU50-200
MPU50-201
MPU50-202
MPU50-203
MPU50-204
MPU50-209
MPU50-210
MPU50-215
MPU50-216
MPU50-217
MPU50-218
MPU50-300
MPU50-301
MPU50-302
MPU50-303
MPU50-304
MPU50-305
MPU50-306
+3.3V
+3.3V
+12V
+15V
+5.1V
+10.5V
+5V
+3.3V
+5V
+5V
+5V
+5V
+5V
+3.3V
0.5A
0.5A
0.5A
0.5A
0.5A
0.3A
0.2A
0.5A
0.5A
0.2A
0.5A
0.5A
0.5A
0.5A
0.5A
0.5A
0.5A
0.5A
5A
5A
5A
5A
5A
3A
2A
5A
5A
2A
5A
5A
5A
5A
5A
5A
5A
5A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
5%
7%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-12V
-15V
-24V
+7.2V
-5V
+12V
+12V
+12V
+15V
+24V
+24V
+12V
0.2A
0.2A
0.15A
0.1A
0.2A
0A
0.1A
0.1A
0.3A
0A
0.4A
0.2A
0.2A
0.4A
0.2A
0.1A
0.4A
2A
2A
1.5A
1A
2A
1A
1A
1A
2.6A
2A
2A
2A
2A
2A
2A
1A
1A
2A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
6%
5%
5%
5%
-12V
-5V
-12V
-15V
-24V
-12V
-5V
0.1A
0A
0.1A
0.1A
0A
0A
0.1A
0.8A
0.8A
0.8A
0.8A
0.5A
0.8A
0.8A
5%
5%
5%
5%
5%
5%
5%
40W
42W
42W
42W
26.5W
42W
42W
42W
42W
42W
35W
42W
42W
42W
42W
42W
42W
42W
Output Power
M aximum
Output Power
+5V
+5V
+5V
+5V
-10.5V
50W Desk Top Switching Power Supplies For Medical Equipment.
0A


Similar Part No. - MPU50-210

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU50-210 ASTRODYNE-MPU50-210 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - MPU50-210

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMPU50 TOTAL-POWER-TPMPU50 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
TPIPU46 TOTAL-POWER-TPIPU46 Datasheet
454Kb / 2P
   50W desk top switching power supplies for industrial equipment
logo
MPS Industries, Inc.
MPU30 MPSIND-MPU30 Datasheet
119Kb / 2P
   30W Desk Top Switching Power Supplies For Medical Equipment
MPU100 MPSIND-MPU100 Datasheet
180Kb / 2P
   100W Desk Top Switching Power Supplies For Medical Equipment
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
   130W Desk Top Switching Power Supplies For Medical Equipment
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU51 TOTAL-POWER-TPMPU51 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com