Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPU30-210 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MPU30-210
Description  30W Desk Top Switching Power Supplies For Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPU30-210 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MPU30-210 Datasheet HTML 1Page - MPS Industries, Inc. MPU30-210 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety Specifications:
Environmental :
Electrical Characteristics:
Sym.
Parameter
Test Conditions
Min. Typ . Max. Unit
0
Iil
0.9
Irh
Eff
REG-i
REG-o
OVP
OCP
Ttr
Thold
12
Ts
0.3
1.5
2
Vrn
Ilk
Iih
0.34
I rl
0.5
1
4
Tc
-0.04
0.04
Hr
Relative
Humidity
5
95
%
Toper
Operating
Temperature
Tstg
Storage Temperature
Pd
0
70
Derate linearly from 100% load at 50 C to 50% load at 70 C
85
-40
C
C
Sym.
Parameter
Test Conditions
Min. Typ. Max.
Unit
Parameter
Test Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
5600
VDC
Primary to ground
2800
Test Voltage = 2100VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-11
for FCC PART-18
Vin=110VAC
VDC
B
CLASS
Safety Approvals :
Vin =90 to 26 4V AC
Io=Full load, Vin=115 VAC
Io=Full
Load, Vin=230VAC
Io=Full
Load
Vin=230VAC
Io=Full Load to Half Load,Vin=100VAC
Io=Full
Vi n= 11 0V AC
Load, Vin=100VAC
Full Load, Vin=90VAC
I o = Fu ll Load,
Io=Full load, Vin=230 VAC
W
V
A
A
A
A
A
All output
%/ C
Input
Voltage
Input
Frequency
Output Power Range
Output Voltage Range
Output
Current Range
Input Current (Low Line)
Efficiency
Line Regulation
Load Regulation
Over Voltage Protection
Over Current Protection
Transient Response
Hold-Up
Time
Start Up Time
Ripple & Noise (Peak to Peak)
Safety Ground Leakage C urrent
Input Current ( High Line)
Temperature Coefficient
load, 25
,Cool start,
C
Vin= 115VAC
Vin= 230VAC
%
%
mS
S
%
%
%
%
mA
mS
63
264
90
47
See rating cha rt
12
15
26
30
2
2
1
Dielectric Withstanding Voltage
for Primary to Ground
Low Line Inrush Current
VAC
Hz
10
Vin
Fin
Wo
Vo
Io
load, 25
,Cool start,
C
EMI requirements
MPU30 SERIES
30W Desk Top Switching Power Supplies For Medical Equipment.
30
Io=Full
Load,
88
83
75
132
150
110
112
High Line Inrush Current
Io=Full
Io=Full
See rating cha rt
0.1
Features:
Description:
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
IEC-320-C14 Input Inlet
Single to Triple Output
Output Voltage Available From 3VDC Thru 40VDC
Optional Output Connector (See appendix)
Input Surge Current, Over Voltage And Over Load protection
Splash proof
Output Voltage Protection(Crowbar Design)
Class I Insulation
2 Year Warranty
Operating Voltage
The MPU30 series of AC/DC switching mode power supplies provide
30 Watts of continuous output power . All supplies are UL94V-1 min
compliant, include IEC-320-C14 input for worldwide applications.
All models meet FCC Part-18 class B and CISPR-
11 EN55011 class B emission Limits and are designed to comply
with UL/c-UL(UL 60601-1) ,TUV/T-mark (EN 60601-1) and new CE
requirements. All units are 100% burned in and tested.
They are ideally suited for use in hospital instrument and many
other applications.
Vi n= 240V AC


Similar Part No. - MPU30-210

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU30-210 ASTRODYNE-MPU30-210 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - MPU30-210

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIPU31 TOTAL-POWER-TPIPU31 Datasheet
431Kb / 2P
   30W desk top switching power supplies for industrial equipment
logo
MPS Industries, Inc.
MPU100 MPSIND-MPU100 Datasheet
180Kb / 2P
   100W Desk Top Switching Power Supplies For Medical Equipment
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU50 TOTAL-POWER-TPMPU50 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
logo
MPS Industries, Inc.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU50 MPSIND-MPU50 Datasheet
218Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
   130W Desk Top Switching Power Supplies For Medical Equipment
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU31 TOTAL-POWER-TPMPU31 Datasheet
271Kb / 2P
   30W Desk Top Type Medical Power Supplies
logo
Volgen Kaga Electronics...
SPU30-101 VOLGEN-SPU30-101 Datasheet
297Kb / 2P
   30W Desk Top Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com