Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34406HETG+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX34406HETG+
Description  Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34406HETG+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX34406HETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX34406HETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX34406HETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX34406HETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX34406HETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX34406HETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX34406HETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX34406HETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX34406HETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX34406
Quad Current-Sense Amplifier
with Overcurrent Threshold Comparators
Typical Operating Characteristics (continued)
((VINx+ = VINx- = 12V, TA = +25°C, unless otherwise noted.)
SHTDN DELAY vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
0
-45
85
CCDLY = 10nF
COMPARATOR THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0.95
-40
85
LARGE-SIGNAL PULSE RESPONSE
(GAIN = 100)
MAX34406 toc10
20µs/div
25mV
5mV
2.5V
0.5V
VSENSE
VOUTx
SMALL-SIGNAL PULSE RESPONSE
(GAIN = 100)
MAX34406 toc09
20µs/div
10mV
5mV
1.0V
0.5V
VSENSE
VOUTx
SMALL-SIGNAL GAIN
vs. FREQUENCY (GAIN = 100)
FREQUENCY (kHz)
100
10
5
10
15
20
25
30
35
40
45
50
0
1
1000
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.1
0.2
0.3
0.4
0.5
0
-40
85
GAIN ERROR
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
25
20
15
10
5
0
0.1
0.2
0.3
0.4
0.5
-0.1
030
INPUT OFFSET vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-50
-40
-30
-20
-10
0
-60
-40
85
INPUT OFFSET
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
25
20
15
10
5
-20
-10
0
10
20
30
-30
030


Similar Part No. - MAX34406HETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406HETG++ MAXIM-MAX34406HETG+ Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406HETG+T MAXIM-MAX34406HETG+T Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
More results

Similar Description - MAX34406HETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
logo
Texas Instruments
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
[Old version datasheet]   Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
[Old version datasheet]   Overcurrent-Protection, Current-Sense Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com