Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6796 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6796
Description  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6796 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6796 Datasheet HTML 3Page - Maxim Integrated Products MAX6796 Datasheet HTML 4Page - Maxim Integrated Products MAX6796 Datasheet HTML 5Page - Maxim Integrated Products MAX6796 Datasheet HTML 6Page - Maxim Integrated Products MAX6796 Datasheet HTML 7Page - Maxim Integrated Products MAX6796 Datasheet HTML 8Page - Maxim Integrated Products MAX6796 Datasheet HTML 9Page - Maxim Integrated Products MAX6796 Datasheet HTML 10Page - Maxim Integrated Products MAX6796 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
_______________________________________________________________________________________
7
40
50
45
60
55
65
70
75
80
535
45
15
25
55
65
75
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX6791
NO LOAD
50
60
80
70
90
100
110
120
-40
-10 5
20 35
-25
50 65 80
110
95
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
ILOAD = 100mA
ILOAD = 50mA
ILOAD = 1mA
ILOAD = 0A
MAX6791
10
20
15
30
25
35
40
535
45
15
25
55
65
75
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX6793/MAX6794
20
25
35
30
40
-40
-10 5
20 35
-25
50 65 80
110
95
125
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX6795
VIN = 14V
0.980
0.990
1.010
1.000
1.020
-40
-10 5
20 35
-25
50 65 80
110
95
125
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX6796
0
400
1200
800
1600
200
1000
600
1400
-40
-10 5
20 35
-25
50 65 80
110
95
125
DROPOUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX6792
VOUT = 5V
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 10mA
0
600
1600
1200
2000
200
800
400
1400
1000
1800
-40
-10 5
20 35
-25
50 65 80
110
95
125
DROPOUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX6796
ILOAD = 10mA
ILOAD = 150mA
ILOAD = 100mA
ILOAD = 300mA
4.980
4.983
4.981
4.987
4.985
4.989
4.982
4.986
4.984
4.988
4.990
535
45
15
25
55
65
75
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAX6795
PRESET VOLTAGE,
NO LOAD
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
50
100
150
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.0
0300
MAX6796
VIN = 14V
VOUT = 5V
VOUT = 3.3V
SET EXTERNALLY
Typical Operating Characteristics
(VIN = VEN = 14V, CIN = 0.1µF, COUT = 10µF, TJ = TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6796

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6796 MAXIM-MAX6796 Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6796TP MAXIM-MAX6796TP Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6796TP MAXIM-MAX6796TP Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6796TPLD2++ MAXIM-MAX6796TPLD2+ Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6796TPSD2++ MAXIM-MAX6796TPSD2+ Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
More results

Similar Description - MAX6796

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791 Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com