Part Name
         Description
MAX9647_12

 General-Purpose, Low-Voltage, Tiny Pack Comparators ( 11 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 5 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
MAX9647/MAX9648
General-Purpose, Low-Voltage,
Tiny Pack Comparators
Typical Operating Characteristics
(VDD = 5V, VSS = 0V, VCM = 0V, RL = 5.1kI, CL = 10pF, overdrive = 100mV, TA = +25NC, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
4.0 4.5
2.0 2.5 3.0 3.5
1.5
10
20
30
40
50
60
70
80
90
0
1.0
6.0
TA = +85°C
TA = -40°C
TA = +25°C
TA = +125°C
VOUT = HIGH
SUPPLY CURRENT vs. FREQUENCY
(VOVERDRIVE = 10mV)
INPUT FREQUENCY (Hz)
100k
10k
1k
100
10
100
200
300
400
500
600
700
800
900
0
11M
VDD = 1.8V
VDD = 2.7V
VDD = 5V
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
0.1
0.2
0.3
0.4
0.5
0.6
0
-50
125
VDD = 2.7V
VDD = 1.8V
VDD = 5V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
2
10
20
30
40
50
60
70
0
16
TA = +125°C
TA = -40°C
VOUT = LOW
TA = +25°C
TA = +85°C
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
0
-50
125
VDD = 1.8V
VDD = 2.7V
VDD = 5V
PULLUP RESISTANCE (I)
10k
1k
100
100k
OUTPUT VOLTAGE LOW
vs. PULLUP RESISTOR
50
100
150
200
250
VOL - VEE
300
0



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl