Part Name
         Description
MAX9647_12

 General-Purpose, Low-Voltage, Tiny Pack Comparators ( 11 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 4 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX9647/MAX9648
General-Purpose, Low-Voltage,
Tiny Pack Comparators
DC ELECTRICAL CHARACTERISTICS—1.8V OPERATION
(VDD = 1.8V, VSS = 0V, VCM = 0V, RL = 5.1kI connected to VDD, typical values are at TA = +25NC, unless otherwise noted. Boldface
limits apply at the defined temperature extremes.) (Note 1)
AC ELECTRICAL CHARACTERISTICS—1.8V OPERATION
(VDD = 1.8V, VSS = 0V, VCM = 0V, RL = 5.1kI connected to VDD, typical values are at TA = +25NC, unless otherwise noted. Boldface
limits apply at the defined temperature extremes.) (Note 1)
Note 1: All devices are production tested at TA = +25NC. All temperature limits are guaranteed by design.
Note 2: Supply current when output is high.
Note 3: Input overdrive is the overdrive voltage beyond the offset and hysteresis-determined trip points.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
0.4
5
mV
Input Voltage Hysteresis
MAX9648 only
2
mV
Input Offset Voltage Average
Temperature Drift
TCVOS
1.5
F
V/NC
Input Bias Current
IB
0.0003
nA
Input Offset Current
IOS
0.0003
nA
Input Voltage Range
VCM
-0.1
V
1
Output Saturation Voltage
VSAT
ISINK P 1mA
56
mV
Power-Supply Rejection Ratio
PSRR
VDD = 1.8V to 5.5V
60
90
dB
Output Sink Current
IO
VO P 1.5V
6.4
mA
Supply Current
IS
(Note 2)
50
100
F
A
Output Leakage Current
0.001
F
A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay Output
High to Low (Note 3)
tPHL
Input overdrive = 10mV
70
ns
Input overdrive = 100mV
60
Propagation Delay Output
Low to High (Note 3)
tPLH
Input overdrive = 10mV
120
ns
Input overdrive = 100mV
110



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl