Part Name
         Description
MAX9647_12

 General-Purpose, Low-Voltage, Tiny Pack Comparators ( 11 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 2 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX9647/MAX9648
General-Purpose, Low-Voltage,
Tiny Pack Comparators
Supply Voltage (VDD to VSS)...................................-0.3V to +6V
All Other Pins................................. (VSS - 0.3V) to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70NC)
SC70 (derate 3.1 mW/NC above +70NC)......................247mW
SOT23 (derate 7.1 mW/NC above +70NC) ...................571mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS—2.7V OPERATION
(VDD = 2.7V, VSS = 0V, VCM = 0V, RL = 5.1kI connected to VDD, typical values are at TA = +25NC, unless otherwise noted. Boldface
limits apply at the defined temperature extremes.) (Note 1)
AC ELECTRICAL CHARACTERISTICS—2.7V OPERATION
(VDD = 2.7V, VSS = 0V, VCM = 0V, RL = 5.1kI connected to VDD, typical values are at TA = +25NC, unless otherwise noted. Boldface
limits apply at the defined temperature extremes.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
0.4
7
mV
Input Voltage Hysteresis
VHYST
MAX9648 only
2
mV
Input Offset Voltage Average
Temperature Drift
TCVOS
1.5
F
V/NC
Input Bias Current
IB
TA = +25NC
Q
0.0003
Q
250
nA
TA = -40NC to +85NC
±400
TA = -40NC to +125NC
±400
Input Offset Current
IOS
TA = +25NC
Q
0.0003
Q
50
nA
TA = -40NC to +85NC
±150
TA = -40NC to +125NC
±150
Input Voltage Range
VCM
-0.1
V
2.0
Voltage Gain
AV
MAX9647 only
500
V/mV
Output Saturation Voltage
VSAT
ISINK P 1mA
25
mV
Output Sink Current
IO
VO P 1.5V
5
16
mA
Supply Current
IS
(Note 2)
52
100
F
A
Output Leakage Current
TA = +25NC
0.005
F
A
TA = -40NC to +85NC
1
TA = -40NC to +125NC
2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay Output
High to Low (Note 3)
tPHL
Input overdrive = 10mV
70
ns
Input overdrive = 100mV
50
Propagation Delay Output
Low to High (Note 3)
tPLH
Input overdrive = 10mV
115
ns
Input overdrive = 100mV
100



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl