Part Name
         Description
MAX9647_12

 General-Purpose, Low-Voltage, Tiny Pack Comparators ( 11 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 9 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX9647/MAX9648
General-Purpose, Low-Voltage,
Tiny Pack Comparators
Additional hysteresis can be generated with two resis-
tors using positive feedback (Figure 2). Use the following
procedure to calculate resistor values:
1) Find output voltage when output is high:
VOUT(HIGH) = VDD - ILOAD x RL
2) Find the trip points of the comparator using these
formulas:
VTH = VREF + ((VOUT(HIGH) - VREF)R2)/(R1 + R2)
VTL = VREF(1 - (R2/(R1 + R2)))
where VTH is the threshold voltage at which the compara-
tor switches its output from high to low as VIN rises above
the trip point, and VTL is the threshold voltage at which
the comparator switches its output from low to high as
VIN drops below the trip point.
3) The hysteresis band is:
VHYST = VTH - VTL = VDD(R2/(R1 + R2))
In this example, let VDD = 5V, VREF = 2.5V, ILOAD =
50nA, and RL = 5.1kI.
VOUT(HIGH) = 5.0V - (50 x 10-9 x 5.1 x 103I) ≈ 5.0V
VTH = 2.5 + 2.5(R2/(R1 + R2))
VTL = 2.5(1 - (R2/(R1 + R2)))
Select R2. In this example, choose 1kI.
Select VHYST. In this example, choose 50mV.
Solve for R1.
VHYST = VOUT(HIGH)(R2/(R1 + R2))V
0.050V = 5(1000/(R1 + 1000))V
where R1
≈ 100kI, VTH = 2.525V, and VTL = 2.475V
Choose R1 and R2 to be large enough as not to exceed
the amount of current the reference can supply.
The source current required is VREF/(R1 + R2).
The sink current is (VOUT(HIGH) - VREF) x (R1 + R2).
Choose RL to be large enough to avoid drawing excess
current, yet small enough to supply the necessary cur-
rent to drive the load. RL should be between 1kI and
10kI. Choose R1 to be much larger than RL to avoid
lowering VOUT(HIGH) ir raising VOUT(LOW).
Board Layout and Bypassing
Use 0.1FF bypass capacitors from VDD to VSS. To maxi-
mize performance, minimize stray inductance by putting
this capacitor close to the VDD pin and reducing trace
lengths. For slow moving input signals (rise time > 1ms),
use a 1nF capacitor between IN+ and IN- to reduce high
frequency noise.
Figure 1. Threshold Hysteresis Band (Not to Scale)
Figure 2. Adding Hysteresis with External Resistors
IN+
THRESHOLDS
IN-
VHYST
VTL
VTH
HYSTERESIS
BAND
OUT
IN+
OUT
RL
R1
R2
VREF
VIN
VDD
VOUT
VDD
VSS
IN-
MAX9647



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl