Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX373DT Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74LVX373DT
Description  LOW-VOLTAGE CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVX373DT Datasheet(HTML) 5 Page - Motorola, Inc

  MC74LVX373DT Datasheet HTML 1Page - Motorola, Inc MC74LVX373DT Datasheet HTML 2Page - Motorola, Inc MC74LVX373DT Datasheet HTML 3Page - Motorola, Inc MC74LVX373DT Datasheet HTML 4Page - Motorola, Inc MC74LVX373DT Datasheet HTML 5Page - Motorola, Inc MC74LVX373DT Datasheet HTML 6Page - Motorola, Inc MC74LVX373DT Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74LVX373
LCX DATA
BR1339 — REV 3
5
MOTOROLA
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40
to 85
°C
Ui
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
Unit
tw(h)
Minimum Pulse Width, LE
VCC = 2.7V
VCC = 3.3 ±0.3V
6.5
5.0
7.5
5.0
ns
tsu
Minimum Setup Time, D to LE
VCC = 2.7V
VCC = 3.3 ±0.3V
6.0
4.0
6.0
4.0
ns
th
Minimum Hold Time, D to LE
VCC = 2.7V
VCC = 3.3 ±0.3V
1.0
1.0
1.0
1.0
ns
VCC
GND
D
O
50%
50% VCC
tPLH
tPHL
VCC
GND
50%
LE
tPLH
tPHL
O
tw
50% VCC
Figure 3.
Figure 4.
50%
50% VCC
50% VCC
O
tPZL
tPLZ
tPZH tPHZ
VOL +0.3V
VOL –0.3V
VCC
GND
HIGH
IMPEDANCE
HIGH
IMPEDANCE
O
OE
50%
D
LE
VCC
VCC
GND
GND
VALID
th
tsu
50%
Figure 5.
Figure 6.
SWITCHING WAVEFORMS
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
TEST CIRCUITS
Figure 7. Propagation Delay Test Circuit
Figure 8. Three–State Test Circuit


Similar Part No. - MC74LVX373DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX373DTR2 ONSEMI-MC74LVX373DTR2 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX373DTR2G ONSEMI-MC74LVX373DTR2G Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX373DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com