Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX32M Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC74LVX32M
Description  LOW-VOLTAGE CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVX32M Datasheet(HTML) 2 Page - Motorola, Inc

  MC74LVX32M Datasheet HTML 1Page - Motorola, Inc MC74LVX32M Datasheet HTML 2Page - Motorola, Inc MC74LVX32M Datasheet HTML 3Page - Motorola, Inc MC74LVX32M Datasheet HTML 4Page - Motorola, Inc MC74LVX32M Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC74LVX32
MOTOROLA
LCX DATA
BR1339 — REV 3
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
Vin
DC Input Voltage
–0.5 to +7.0
V
Vout
DC Output Voltage
–0.5 to VCC +0.5
V
IIK
Input Diode Current
–20
mA
IOK
Output Diode Current
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation
180
mW
Tstg
Storage Temperature
–65 to +150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
3.6
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
–40
+85
_C
∆t/∆V
Input Rise and Fall Time
0
100
ns/V
DC ELECTRICAL CHARACTERISTICS
Sb l
P
T
C
di i
VCC
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
High–Level Input Voltage
2.0
3.0
3.6
1.5
2.0
2.4
1.5
2.0
2.4
V
VIL
Low–Level Input Voltage
2.0
3.0
3.6
0.5
0.8
0.8
0.5
0.8
0.8
V
VOH
High–Level Output Voltage
(Vin = VIH or VIL)
IOH = –50µA
IOH = –50µA
IOH = –4mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
V
VOL
Low–Level Output Voltage
(Vin = VIH or VIL)
IOL = 50µA
IOL = 50µA
IOL = 4mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
Iin
Input Leakage Current
Vin = 5.5V or GND
3.6
±0.1
±1.0
µA
ICC
Quiescent Supply Current
Vin = VCC or GND
3.6
2.0
20.0
µA


Similar Part No. - MC74LVX32M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX32M ONSEMI-MC74LVX32M Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
More results

Similar Description - MC74LVX32M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com