Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6791 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6791
Description  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6791 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6791 Datasheet HTML 4Page - Maxim Integrated Products MAX6791 Datasheet HTML 5Page - Maxim Integrated Products MAX6791 Datasheet HTML 6Page - Maxim Integrated Products MAX6791 Datasheet HTML 7Page - Maxim Integrated Products MAX6791 Datasheet HTML 8Page - Maxim Integrated Products MAX6791 Datasheet HTML 9Page - Maxim Integrated Products MAX6791 Datasheet HTML 10Page - Maxim Integrated Products MAX6791 Datasheet HTML 11Page - Maxim Integrated Products MAX6791 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Typical Operating Characteristics (continued)
(VIN = VEN = 14V, CIN = 0.1µF, COUT = 10µF, TJ = TA = +25°C, unless otherwise noted.)
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
8
_______________________________________________________________________________________
0.98
1.01
1.03
0.99
1.02
1.00
-40
-10 5
20 35
-25
50 65 80
110
95
125
NORMALIZED RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX6796
-40
-80
10
100
1k
100k
PSRR vs. FREQUENCY
-75
-65
-55
-70
-60
-50
-45
FREQUENCY (Hz)
10k
VIN = 6V
VOUT = 1.8V
ILOAD = 10mA
0.980
0.995
1.020
0.985
1.000
0.990
1.010
1.005
1.015
-40
-10 5
20 35
-25
50 65 80
110
95
125
NORMALIZED WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX6796
0.995
0.998
1.001
0.996
0.999
0.997
1.000
-40
-10 5
20 35
-25
50 65 80
110
95
125
NORMALIZED PFI THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX6796
0
1.5
0.5
3.5
2.5
4.5
1.0
3.0
2.0
4.0
5.0
06
8
2
4
10
12
14
RESET OUTPUT
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
MAX6796
RESET OUTPUT VOLTAGE
vs. SINK CURRENT
SINK CURRENT (mA)
9
8
6
7
2
3
4
5
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
010
MAX6796


Similar Part No. - MAX6791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791 Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6791 MAXIM-MAX6791 Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6791EVKIT MAXIM-MAX6791EVKIT Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6791TP MAXIM-MAX6791TP Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6791TP MAXIM-MAX6791TP Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
More results

Similar Description - MAX6791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791 Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com