Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5478 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5478
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5478 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5478 Datasheet HTML 2Page - Maxim Integrated Products MAX5478 Datasheet HTML 3Page - Maxim Integrated Products MAX5478 Datasheet HTML 4Page - Maxim Integrated Products MAX5478 Datasheet HTML 5Page - Maxim Integrated Products MAX5478 Datasheet HTML 6Page - Maxim Integrated Products MAX5478 Datasheet HTML 7Page - Maxim Integrated Products MAX5478 Datasheet HTML 8Page - Maxim Integrated Products MAX5478 Datasheet HTML 9Page - Maxim Integrated Products MAX5478 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
6
_______________________________________________________________________________________
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
064
32
96
128 160 192 224 256
DIFFERENTIAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5477
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
064
32
96
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5478
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
064
32
96
128 160 192 224 256
DIFFERENTIAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5478
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
064
32
96
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
MAX5478
-0.10
-0.08
-0.04
0
0.02
0.06
0.10
064
32
96
128 160 192 224 256
DIFFERENTIAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
-0.06
-0.02
0.08
0.04
MAX5478
-0.20
-0.12
-0.16
-0.04
-0.08
0.04
0
0.08
0.16
0.12
0.20
064
96
32
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5479
-0.14
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
0
0.04
0.02
0.10
0.08
0.12
0.06
0.14
064
32
96
128 160
192 224
256
DIFFERENTIAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5479
-0.20
-0.12
-0.16
-0.04
-0.08
0.04
0
0.08
0.16
0.12
0.20
064
96
32
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
MAX5479
Typical Operating Characteristics (continued)
(VDD = +5V, H_ = VDD, L_ = GND, TA = +25°C, unless otherwise noted.)
0
0.05
0.15
0.10
0.25
0.30
0.20
0.35
064
96
32
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5477


Similar Part No. - MAX5478

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5478 MAXIM-MAX5478 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5478 MAXIM-MAX5478 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5478ETE MAXIM-MAX5478ETE Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5478ETE MAXIM-MAX5478ETE Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5478EUD MAXIM-MAX5478EUD Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
More results

Similar Description - MAX5478

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com