Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA214S50IR48EV1Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISLA214S50IR48EV1Z
Description  14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214S50IR48EV1Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISLA214S50IR48EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 9Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 10Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 11Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 12Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 13Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 14Page - Intersil Corporation ISLA214S50IR48EV1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
ISLA214S50
11
FN7973.1
December 21, 2011
FIGURE 7. SNR AND SFDR vs fSAMPLE
FIGURE 8. HD2 AND HD3 vs fSAMPLE
FIGURE 9. POWER vs fSAMPLE
FIGURE 10. DIFFERENTIAL NONLINEARITY
FIGURE 11. INTEGRAL NONLINEARITY
FIGURE 12. SNR AND SFDR vs VCM
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C,
AIN =-2dBFS, fIN = 105MHz, fSAMPLE = 500MSPS. (Continued)
60
65
70
75
80
85
90
200
250
300
350
400
450
500
550
SAMPLE RATE (MSPS)
SFDR
SNR
-110
-105
-100
-95
-90
-85
-80
-75
200
250
300
350
400
450
500
550
SAMPLE RATE (MSPS)
HD3
HD2
0
200
400
600
800
1000
1200
200
250
300
350
400
450
500
550
SAMPLE RATE (MSPS)
3 LANES
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
5000
10000
15000
CODE
-4
-3
-2
-1
0
1
2
3
4
0
5000
10000
15000
CODE
60
65
70
75
80
85
90
700
800
900
1000
1100
1200
1300
1400
1500
VCM (mV)
SNR
SFDR


Similar Part No. - ISLA214S50IR48EV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA214S50IR48EV1Z RENESAS-ISLA214S50IR48EV1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA214S50IR48EV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com