Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL267440 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL267440
Description  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267440 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL267440 Datasheet HTML 1Page - Intersil Corporation ISL267440 Datasheet HTML 2Page - Intersil Corporation ISL267440 Datasheet HTML 3Page - Intersil Corporation ISL267440 Datasheet HTML 4Page - Intersil Corporation ISL267440 Datasheet HTML 5Page - Intersil Corporation ISL267440 Datasheet HTML 6Page - Intersil Corporation ISL267440 Datasheet HTML 7Page - Intersil Corporation ISL267440 Datasheet HTML 8Page - Intersil Corporation ISL267440 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
10-Bit and 12-Bit, 1MSPS SAR ADCs
ISL267440, ISL267450A
The ISL267440 and ISL267450A are 10-bit and 12-bit, 1MSPS
sampling SAR-type ADCs featuring excellent linearity over supply
and temperature variations, which are drop-in compatible with
the AD7440 and AD7450A. The robust, fully-differential input
offers high impedance to minimize errors due to leakage
currents, and the specified measurement accuracy is maintained
with input signals up to the supply rails.
The reference accepts inputs from 0.1V to 2.2V for 3V operation
and 0.1V to 3.5V for 5V operation, which provides design
flexibility in a wide variety of applications. The ISL267440,
ISL267450A also feature up to 8kV Human Body Model ESD
survivability.
The serial digital interface is SPI compatible and is easily
interfaced to all popular FPGAs and microcontrollers. Power
dissipation is 8.5mW at a sampling rate of 1MSPS, and just 5µW
between conversions utilizing Auto Power-Down mode (with a 5V
supply), making the ISL267440, ISL267450A excellent solutions
for remote industrial sensors and battery-powered instruments.
The ISL267440, ISL267450A are available in an 8 lead MSOP
package, and are specified for operation over the Industrial
temperature range (–40°C to +85°C).
Features
• Drop-in Compatible with AD7440, AD7450A
• Differential Input
• Simple SPI-compatible Serial Digital Interface
• Guaranteed No Missing Codes
• 1MHz Sampling Rate
• 3V or 5V Operation
•Low Operating Current
- 1.25mA at 1MSPS with 3V Supplies
- 1.70mA at 1MSPS with 5V Supplies
• Power-down Current between Conversions: 1µA
• Excellent Differential Non-Linearity
• Low THD: -83dB (typ)
• Pb-Free (RoHS Compliant)
• Available in MSOP Package
Applications
• Remote Data Acquisition
• Battery Operated Systems
• Industrial Process Control
• Energy Measurement
• Data Acquisition Systems
• Pressure Sensors
• Flow Controllers
FIGURE 1. BLOCK DIAGRAM
FIGURE 2. DIFFERENTIAL LINEARITY ERROR vs CODE
SERIAL
INTERFACE
VDD
VREF
GND
VIN+
VIN
SCLK
SDATA
CS
SAR
LOGIC
VREF
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
CODE
December 5, 2011
FN7708.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL267440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL267440 INTERSIL-ISL267440 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL267440 INTERSIL-ISL267440 Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267440IHZ-T INTERSIL-ISL267440IHZ-T Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

Similar Description - ISL267440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com