Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR169 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BCR169
Description  PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCR169 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCR169 Datasheet HTML 1Page - Siemens Semiconductor Group BCR169 Datasheet HTML 2Page - Siemens Semiconductor Group BCR169 Datasheet HTML 3Page - Siemens Semiconductor Group BCR169 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
Nov-27-1996
BCR 169
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
V(BR)CEO
50
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IB = 0
V(BR)CBO
50
-
-
Base-emitter breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 40 V, IE = 0
ICBO
-
-
100
nA
DC current gain
IC = 5 mA, VCE = 5 V
hFE
120
-
630
-
Collector-emitter saturation voltage 1)
IC = 50 mA, IB = 2.5 mA
VCEsat
-
-
0.3
V
Input off voltage
IC = 100 µA, VCE = 5 V
Vi(off)
0.4
-
0.8
Input on Voltage
IC = 2 mA, VCE = 0.3 V
Vi(on)
0.5
-
1.1
Input resistor
R1
3.2
4.7
6.2
k
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 5 V, f = 100 MHz
fT
-
200
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
3
-
pF
1) Pulse test: t < 300
µs; D < 2%


Similar Part No. - BCR169

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR169 INFINEON-BCR169 Datasheet
496Kb / 10P
   PNP Silicon Digital Transistor
May-18-2004
BCR169 INFINEON-BCR169 Datasheet
259Kb / 12P
   PNP Silicon Digital Transistor
2007-08-02
BCR169 INFINEON-BCR169 Datasheet
873Kb / 11P
   PNP Silicon Digital Transistor
2011-08-29
BCR169F INFINEON-BCR169F Datasheet
496Kb / 10P
   PNP Silicon Digital Transistor
May-18-2004
BCR169F INFINEON-BCR169F Datasheet
259Kb / 12P
   PNP Silicon Digital Transistor
2007-08-02
More results

Similar Description - BCR169

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR158W SIEMENS-BCR158W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR183 SIEMENS-BCR183 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR183W SIEMENS-BCR183W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR191W SIEMENS-BCR191W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR192W SIEMENS-BCR192W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR562 SIEMENS-BCR562 Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR583 SIEMENS-BCR583 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR166W SIEMENS-BCR166W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR198W SIEMENS-BCR198W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR185 SIEMENS-BCR185 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com