Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100AWSP2T2B2M7REH Datasheet(PDF) 1 Page - E-SWITCH

Part # 100AWSP2T2B2M7REH
Description  TOGGLE SWITCHES - MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100AWSP2T2B2M7REH Datasheet(HTML) 1 Page - E-SWITCH

  100AWSP2T2B2M7REH Datasheet HTML 1Page - E-SWITCH 100AWSP2T2B2M7REH Datasheet HTML 2Page - E-SWITCH 100AWSP2T2B2M7REH Datasheet HTML 3Page - E-SWITCH 100AWSP2T2B2M7REH Datasheet HTML 4Page - E-SWITCH 100AWSP2T2B2M7REH Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
122
SERIES 100A SWITCHES
Specifications subject to change without notice.
Example Ordering Number
100A_ WDP4_ T1_ B4_ M1_R_ E
TOGGLE SWITCHES - MINIATURE
SPDT
SPECIFICATIONS
Contact Rating:
Dependent upon contact material
Life Expectancy:
30,000 make-and-break cycles at full load
Contact Resistance:
10 m 1max. typical initial @ 2-4 VDC 100 mA
for both silver and gold plated contacts
Insulation Resistance:
1,000 M 1min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30° C to 85° C
MATERIALS
Case & Bushing:
PBT
Pedestal of Case:
LPC
Actuator:
Brass, chrome plated with internal O-ring seal
Switch Support:
Brass or steel tin plated
Contacts / Terminals:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Variety of switching functions
Miniature
Multiple actuator & bushing options
Sealed to IP67
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Networking
Medical equipment
SERIES
100A
T1
T2
ACTUATOR
M1
M2
M5
M6
M7
VS2
VS3
TERMINATION
Q = Silver
R = Gold
CONTACT
MATERIAL
H = Hardware
HARDWARE
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
WSP-1
ON
NONE
ON
WSP-2
ON
NONE
(ON)
WSP-3
ON
OFF
ON
WSP-4
(ON)
OFF
(ON)
WSP-5
ON
OFF
(ON)
Term. Comm.
2-3
OPEN
2-1
SCHEMATIC
B1
B4
BUSHING
WSP1
WSP2
WSP3
WSP4
WSP5
WDP1
WDP2
WDP3
WDP4
WDP5
MODEL NO.


Similar Part No. - 100AWSP2T2B2M7REH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100AWSP2T2B2M71QE E-SWITCH-100AWSP2T2B2M71QE Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
100AWSP2T2B2M71RE E-SWITCH-100AWSP2T2B2M71RE Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results

Similar Description - 100AWSP2T2B2M7REH

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com