Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP16OA1BSTWG Datasheet(PDF) 2 Page - E-SWITCH

Part # LP16OA1BSTWG
Description  LP16 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LP16OA1BSTWG Datasheet(HTML) 2 Page - E-SWITCH

  LP16OA1BSTWG Datasheet HTML 1Page - E-SWITCH LP16OA1BSTWG Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
800.867.2717
LP16 SERIES
2
LP16 - “B” CAP SIZE
LP16 - “A” CAP SIZE
12.20
[.480 in]
12.20
[.480 in]
12.30
[.484 in]
31.50
[1.240 in]
17.30
[.681 in]
6.00
[.236 in]
7.50
[.295 in]
2.54
[.100 in]
7.60
[.299 in]
4.20
[.165 in]
5.10
[.201 in]
.40
[.016 in]
.50
[.020 in]
1
2
23
21.20
[.835 in]
CLEAR CAP WITH
WHITE DIFFUSER
CATHODE
12.30
[.484 in]
14.60
[.574 in]SQ
21.20
[.835 in]
31.55
[1.242 in]
17.30
[.681 in]
2.54
[.100 in]
7.60
[.299 in]
.50
[.020 in]
5.10
[.201 in]
6.10
[.240 in]
7.60
[.299 in]
4.20
[.165 in]
.40
[.016 in]
1
2
2
3
CLEAR CAP WITH
WHITE DIFFUSER
CATHODE
PCB LAYOUT
2.55
[.100 in]
5.10
[.201 in]
2.54
[.100 in]
7.60
[.299 in]
Ø 1.30
[.051 in]
Ø .60
[.024 in] 4 PLCS
Ø .70
[.028 in]2 PLCS
PCB LAYOUT
2.55
[.100 in]
5.10
[.201 in]
7.60
[.299 in]
Ø .60
[.024 in]4 PLCS
Ø 1.30
[.051 in]
2.54
[.100 in]
Ø .70
[.028 in] 2 PLCS
SCHEMATIC
1
2
3
4
X
Y
SCHEMATIC
1
2
3
4
YX


Similar Part No. - LP16OA1BSTWG

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP16 ALTECH-LP16 Datasheet
455Kb / 1P
   30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP16-150 SUPERWORLD-LP16-150 Datasheet
109Kb / 1P
   POWER TRANSFORMER
LP16-1500 SUPERWORLD-LP16-1500 Datasheet
110Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP16-150B25 PULSE-LP16-150B25 Datasheet
152Kb / 1P
   Laminated Transformers
LP16-150B25 PULSE-LP16-150B25 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
More results

Similar Description - LP16OA1BSTWG

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com