Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRK-16C Datasheet(PDF) 1 Page - E-SWITCH

Part # SRK-16C
Description  SRJ / SRK / SRM / SRT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

SRK-16C Datasheet(HTML) 1 Page - E-SWITCH

  SRK-16C Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EXAMPLE PART NUMBERS:
SRJ-10
10 Position
2x3, Through Hole, Flush, Real Code
SRJ-16
16 Position
2x3, Through Hole, Flush, Real Code
SRK-10
10 Position
3x3, Through Hole, Flush, Real Code
SRK-10C
10 Position
3x3, Through Hole, Flush, Comp. Code
SRK-10H
10 Position
3x3, Through Hole, Raised, Real Code
SRK-16
16 Position
3x3, Through Hole, Flush, Real Code
SRK-16C
16 Position
3x3, Through Hole, Flush, Comp. Code
SRK-16H
16 Position
3x3, Through Hole, Raised, Real Code
SRK-16HC
16 Position
3x3, Through Hole, Raised, Comp. Code
SRM-10
10 Position
3x3, SMT, Flush Actuator, Real Code
SRM-10C
10 Position
3x3, SMT, Flush Actuator, Comp. Code
SRM-16
16 Position
3x3, SMT, Flush Actuator, Real Code
SRM-16C
16 Position
3x3, SMT, Flush Actuator, Comp. Code
SRT-10
10 Position
4x1, Through Hole, Flush, Real Code
FEATURES:
• 3x2, 3x3, and 4x1 Pin Layouts
• Through Hole and Surface Mount Versions
• Washable
• Superior Quality
SPECIFICATIONS:
RATING: 100mA 5VDC (Switching)
100mA 50VDC (Non-Switching)
TEMPERATURE: -10°C to 60°C (Operating)
-40°C to 85°C (Storage)
OPERATING FORCE: 400gf•cm
ELECTRICAL LIFE: 15,000 Cycles
CONTACT RESISTANCE: 100m
 Max.
INSULATION RESISTANCE: 100M
 at 250VDC
DIELECTRIC STRENGTH: 250VAC for 1 Minute
MATERIALS:
BASE: Polyphenylene Sulfide (PPS)
HOUSING: Polyphenylene Sulfide (PPS)
ACTUATOR: Polyacetal
O-RING: NBR
CONTACT: Glass Fabric Epoxy Resin
Gold Over Nickel Plated
TERMINALS: Gold Over Nickel Plated Bronze
Tin Over Nickel Plated Bronze
SRJ / SRK / SRM / SRT Series
Number of
Actuator
Right Angle
Encoding
Tape
Packaging
Series
Positions
Options
Option
Options
Sealing
Options
SRJ - 2x3, Through Hole
For SRJ Series:
For SRJ and
For SRJ, SRK,
None - Real
For SRJ, SRK,
For SRJ, SRK,
SRK - 3x3, Through Hole
8
SRK Series:
and SRM Series:
C - Complementary
and SRT Series:
and SRT Series:
SRM - 2x3, SMT
10
None - Flush
None - Vertical
None - No Tape
None - Tube
SRT - 4x1, Through Hole
16
H - Extended
For SRT Series:
For SRM Series:
For SRM Series:
For SRK Series:
For SRM and
None - Vertical
None - No Tape
None - Tube
10
SRT Series:
R - Right Angle
T - Taped
TR - Tape and Reel
16
None - Flush
For SRM and
SRT Series:
10
16
SRT-10
SRK-10H
SRM-10T
SRJ-8
SRJ-10HC
Water
Protection
Tape
and Reel
Surface
Mount
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
57
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - SRK-16C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SRK-PC-080-16-XX TEC-SRK-PC-080-16-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
SRK-PC-080-20-XX TEC-SRK-PC-080-20-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
SRK-PC-080-25-XX TEC-SRK-PC-080-25-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
SRK-PC-080-32-XX TEC-SRK-PC-080-32-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
SRK-PC-080-35-XX TEC-SRK-PC-080-35-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
More results

Similar Description - SRK-16C

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8148 MUSIC-MU9C8148 Datasheet
107Kb / 24P
   SRT Interface
logo
Solid States Devices, I...
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
logo
TE Connectivity Ltd
C-SRK-PC-080-1635-XX TEC-C-SRK-PC-080-1635-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
logo
Solid States Devices, I...
PM0003 SSDI-PM0003 Datasheet
129Kb / 2P
   SRM POWER MODULE
logo
MUSIC Semiconductors
MU9C8248 MUSIC-MU9C8248 Datasheet
140Kb / 28P
   FDDI SRT Interface
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
FCAS30DN60BB FAIRCHILD-FCAS30DN60BB Datasheet
384Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
logo
List of Unclassifed Man...
E04 ETC2-E04 Datasheet
1Mb / 3P
   Split Cores SR and SRM Types
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com