Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR135 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BCR135
Description  NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCR135 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCR135 Datasheet HTML 1Page - Siemens Semiconductor Group BCR135 Datasheet HTML 2Page - Siemens Semiconductor Group BCR135 Datasheet HTML 3Page - Siemens Semiconductor Group BCR135 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BCR 135
Semiconductor Group
Jun-18-1997
4
Total power dissipation
Ptot = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C
150
TA,TS
0
50
100
150
200
mW
300
Ptot
TS
TA
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
Ptotmax
/ PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
RthJS
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0


Similar Part No. - BCR135

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR135 INFINEON-BCR135 Datasheet
211Kb / 12P
   NPN Silicon Digital Transistor
2007-07-23
BCR135E6327 INFINEON-BCR135E6327 Datasheet
873Kb / 11P
   NPN Silicon Digital Transistor
2011-08-19
BCR135F INFINEON-BCR135F Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR135F INFINEON-BCR135F Datasheet
211Kb / 12P
   NPN Silicon Digital Transistor
2007-07-23
More results

Similar Description - BCR135

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR116 SIEMENS-BCR116 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR133 SIEMENS-BCR133 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR133W SIEMENS-BCR133W Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR148 SIEMENS-BCR148 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR108 SIEMENS-BCR108 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit
BCR521 SIEMENS-BCR521 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR523 SIEMENS-BCR523 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR116W SIEMENS-BCR116W Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR119W SIEMENS-BCR119W Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR141W SIEMENS-BCR141W Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com