Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTL126U630R0A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XTL126U630R0A
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTL126U630R0A Datasheet(HTML) 1 Page - Vishay Siliconix

  XTL126U630R0A Datasheet HTML 1Page - Vishay Siliconix XTL126U630R0A Datasheet HTML 2Page - Vishay Siliconix XTL126U630R0A Datasheet HTML 3Page - Vishay Siliconix XTL126U630R0A Datasheet HTML 4Page - Vishay Siliconix XTL126U630R0A Datasheet HTML 5Page - Vishay Siliconix XTL126U630R0A Datasheet HTML 6Page - Vishay Siliconix XTL126U630R0A Datasheet HTML 7Page - Vishay Siliconix XTL126U630R0A Datasheet HTML 8Page - Vishay Siliconix XTL126U630R0A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
1
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum Capacitors
Cylindrical Body, Hermetically Sealed
FEATURES
• High temperature
• High voltage
• High capacitance
• Withstands high frequency vibration to 2000 Hz
• Hermetically sealed
• Long shelf life
• DSCC drawings 04032 and 04033
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 175 °C with proper
derating
Voltage Range: 8 VDC to 630 VDC at 85 °C
Reverse Voltage: None
Capacitance Range: 2 μF to 2200 μF
Tolerance Range:
- 15 % to + 50 % (standard for XTK, XTM, XTV)
- 15 % to + 75 % (standard for XTH, XTL)
± 20 % (special order)
Note
• For styles, terminal configurations, mounting methods and hardware, please see pages following standard ratings table
ORDERING INFORMATION
XTV
126
T
630
P
0
A
MODEL
CAPACITANCE
CODE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING
CASE CODE
INSULATION
TERMINAL
CONFIGURATION
XTH
XTK
XTL
XTM
XTV
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
T = - 15 % to + 50 %
(XTK, XTM, XTV standard)
U = - 15 % to + 75 %
(XTH, XTL standard)
M = ± 20 %
(special order)
This is expressed
in volts. To
complete the
three-digit block,
zeros precede the
voltage rating.
P = Polar
(case negative)
R = Reverse
polarity
(case positive)
0 = Uninsulated
(standard)
4 = Teflon
(+ 175 °C limit)
See Styles
DIMENSIONS in inches [millimeters]
XTH-XTL-XTV
XTK-XTM
TYPE
D
H
XTK - XTM
0.656
0.438 to 1.781
XTL - XTH
0.875
0.540 to 4.062
XTV
1.125
0.600 to 2.810
H
5/16 ± 1/16
(+)
D
Case
negative
H
(+)
D
0.281
± 0.062
2.250
± 0.250
2.250
± 0.250
0.281
± 0.062
(-)


Similar Part No. - XTL126U630R0A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XTL1001 RFM-XTL1001 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1002 RFM-XTL1002 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003 RFM-XTL1003 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003-1 RFM-XTL1003-1 Datasheet
505Kb / 6P
   Surface Mount Seam-Weld Package
XTL1004 RFM-XTL1004 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
More results

Similar Description - XTL126U630R0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com