Part Name
         Description
BCR133

 NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit) ( 4 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 4 page
background image
Semiconductor Group
4
Nov-26-1996
BCR 133
Total power dissipation
Ptot = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A
,T
S
0
50
100
150
200
mW
300
P
tot
T
S
T
A
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
-1
10
0
10
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax / PtotDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
3
10
-
P
totmax/PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR119WNPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR148SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR129NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR148WNPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR519NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR129SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR521NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR133SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR523NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR133WNPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl