Part Name
         Description
BCR133

 NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit) ( 4 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 1 page
background image
Semiconductor Group
1
Nov-26-1996
BCR 133
NPN Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in bias resistor (R1=10kΩ, R2=10kΩ)
Type
Marking Ordering Code
Pin Configuration
Package
BCR 133
WCs
Q62702-C2256
1 = B
2 = E
3 = C
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
10
Input on Voltage
Vi(on)
20
DC collector current
IC
100
mA
Total power dissipation,
TS = 102°C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 350
K/W
Junction - soldering point
RthJS
≤ 240
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR119WNPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR148SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR129NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR148WNPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR519NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR129SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR521NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR133SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR523NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR133WNPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl