Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTL126T630P0A Datasheet(PDF) 8 Page - Vishay Siliconix

Part # XTL126T630P0A
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTL126T630P0A Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button XTL126T630P0A Datasheet HTML 3Page - Vishay Siliconix XTL126T630P0A Datasheet HTML 4Page - Vishay Siliconix XTL126T630P0A Datasheet HTML 5Page - Vishay Siliconix XTL126T630P0A Datasheet HTML 6Page - Vishay Siliconix XTL126T630P0A Datasheet HTML 7Page - Vishay Siliconix XTL126T630P0A Datasheet HTML 8Page - Vishay Siliconix XTL126T630P0A Datasheet HTML 9Page - Vishay Siliconix XTL126T630P0A Datasheet HTML 10Page - Vishay Siliconix XTL126T630P0A Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
8
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
60 VDC AT + 85 °C RATED; 69 VDC AT + 85 °C SURGE
09
12
+ 50, - 15
7
35
56
12
180
- 30
+ 20
+ 20
137
0.438 (11.13)
1A
10
25
+ 50, - 15
12
60
96
6
90
- 30
+ 20
+ 20
213
0.562 (14.27)
1A
90 VDC AT + 85 °C RATED; 103 VDC AT + 85 °C SURGE
11
8.0
+ 50, - 15
7
35
56
12
250
- 30
+ 20
+ 20
137
0.438 (11.13)
1A
12
16
+ 50, - 15
12
60
96
5.9
125
- 30
+ 20
+ 20
213
0.562 (14.27)
1A
180 VDC AT + 85 °C RATED; 207 VDC AT + 85 °C SURGE
13
4.0
+ 50, - 15
7
35
56
24
500
- 30
+ 20
+ 20
117
0.719 (18.26)
1A
14
8.0
+ 50, - 15
12
60
96
12
250
- 30
+ 20
+ 20
186
0.938 (23.83)
1A
270 VDC AT + 85 °C RATED; 310 VDC AT + 85 °C SURGE
15
2.5
+ 50, - 15
7
35
56
36
750
- 30
+ 20
+ 20
112
1.031 (26.19)
1A
16
5.0
+ 50, - 15
11
55
88
18
375
- 30
+ 20
+ 20
179
1.375 (34.93)
1A
360 VDC AT + 85 °C RATED; 414 VDC AT + 85 °C SURGE
17
2.0
+ 50, - 15
7
35
56
48
1000
- 30
+ 20
+ 20
108
1.312 (33.32)
1A
18
4.0
+ 50, - 15
12
60
96
24
500
- 30
+ 20
+ 20
175
1.781 (45.24)
1A
20 VDC AT + 85 °C RATED; 23 VDC AT + 85 °C SURGE
19
100
+ 50, - 15
10
50
80
3.3
30
- 60
+ 15
+ 20
333
0.540 (13.72)
1B
20
200
+ 75, - 15
16
80
128
2.8
20
- 60
+ 15
+ 20
375
0.732 (18.59)
1B
30 VDC AT + 85 °C RATED; 34.5 VDC AT + 85 °C SURGE
21
75
+ 75, - 15
11
55
88
3.1
45
- 45
+ 10
+ 10
333
0.540 (13.72)
1B
22
150
+ 75, - 15
13
90
104
3
30
- 45
+ 10
+ 10
375
0.732 (18.59)
1B
60 VDC AT + 85 °C RATED; 69 VDC AT + 85 °C SURGE
23
40
+ 75, - 15
12
60
96
3.2
65
- 35
+ 10
+ 10
333
0.540 (13.72)
1B
24
80
+ 75, - 15
19
95
152
3.1
35
- 35
+ 10
+ 10
375
0.732 (18.59)
1B
90 VDC AT + 85 °C RATED; 103 VDC AT + 85 °C SURGE
25
25
+ 75, - 15
11
55
88
3.2
90
- 35
+ 10
+ 10
333
0.540 (13.72)
1B
26
50
+ 75, - 15
18
90
144
3.1
45
- 35
+ 10
+ 10
375
0.732 (18.59)
1B
180 VDC AT + 85 °C RATED; 207 VDC AT + 85 °C SURGE
27
12
+ 75, - 15
11
55
88
6.6
180
- 35
+ 10
+ 10
282
0.920 (23.37)
1B
28
25
+ 75, - 15
18
90
144
6.2
90
- 35
+ 10
+ 10
341
1.300 (33.02)
1B
270 VDC AT + 85 °C RATED; 310 VDC AT + 85 °C SURGE
29
8.0
+ 75, - 15
11
55
88
9.9
270
- 35
+ 10
+ 10
266
1.270 (32.36)
1B
30
16
+ 75, - 15
18
90
144
9.8
135
- 35
+ 10
+ 10
320
1.865 (47.37)
1B
360 VDC AT + 85 °C RATED; 414 VDC AT + 85 °C SURGE
31
6.0
+ 75, - 15
11
55
88
13
360
- 35
+ 10
+ 10
258
1.635 (41.53)
1B
32
12
+ 75, - 15
18
90
144
13
180
- 35
+ 10
+ 10
314
2.420 (61.47)
1B
450 VDC AT + 85 °C RATED; 518 VDC AT + 85 °C SURGE
33
5.0
+ 75, - 15
11
55
88
15
450
- 35
+ 10
+ 10
252
2.000 (50.80)
1B
34
10
+ 75, - 15
18
90
144
15
225
- 35
+ 10
+ 10
308
2.980 (75.69)
1B
540 VDC AT + 85 °C RATED; 621 VDC AT + 85 °C SURGE
35
4.0
+ 75, - 15
11
55
88
20
540
- 35
+ 10
+ 10
250
2.365 (60.07)
1B
36
8.0
+ 75, - 15
18
90
144
20
270
- 35
+ 10
+ 10
308
3.532 (89.71)
1B
630 VDC AT + 85 °C RATED; 724 VDC AT + 85 °C SURGE
37
3.5
+ 75, - 15
11
55
88
22
630
- 35
+ 10
+ 10
250
2.720 (69.09)
1B
04022 RATINGS AND CASE CODES
DSCC
DRAWING
04022
PIN
CAP.
(NOM.)
CAP.
TOLERANCE
DC LEAKAGE MAX.
(μA)
ESR MAX.
120 Hz
25 °C
IMPEDANCE
MAX.
CAPACITANCE
CHANGE
(%)
RIPPLE
CURRENT
1/
DIMENSION
L
± 0.062 (1.57)
FIGURE
(μF)
(%)
+ 25 °C + 85 °C + 125 °C
(
)()
- 55 °C + 85 °C + 125 °C
(mA)
(INCHES)


Similar Part No. - XTL126T630P0A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XTL1001 RFM-XTL1001 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1002 RFM-XTL1002 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003 RFM-XTL1003 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003-1 RFM-XTL1003-1 Datasheet
505Kb / 6P
   Surface Mount Seam-Weld Package
XTL1004 RFM-XTL1004 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
More results

Similar Description - XTL126T630P0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com