Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTK Datasheet(PDF) 4 Page - Vishay Siliconix

Part # XTK
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTK Datasheet(HTML) 4 Page - Vishay Siliconix

  XTK Datasheet HTML 1Page - Vishay Siliconix XTK Datasheet HTML 2Page - Vishay Siliconix XTK Datasheet HTML 3Page - Vishay Siliconix XTK Datasheet HTML 4Page - Vishay Siliconix XTK Datasheet HTML 5Page - Vishay Siliconix XTK Datasheet HTML 6Page - Vishay Siliconix XTK Datasheet HTML 7Page - Vishay Siliconix XTK Datasheet HTML 8Page - Vishay Siliconix XTK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
4
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
270 VDC AT + 85 °C
2.5
240
180
30.0
35
52
70
750
- 30
+ 20
+ 20
28
112
0.656
1.031 XTK255(1)270P0A
5.0
240
180
15.0
55
82
110
375
- 30
+ 20
+ 20
31
179
0.656
1.375 XTM505(1)270P0A
8.0
240
180
8.3
55
82
110
270
- 35
+ 10
+ 20
62
266
0.875
1.270 XTL805(1)270P0A
16
240
180
8.3
90
135
180
135
- 35
+ 10
+ 20
81
320
0.875
1.865 XTH166(1)270P0A
28
240
180
7.5
120
162
205
80
- 40
+ 20
+ 35
100
339
1.125
1.350 XTV286(1)270P0A
40
240
180
7.5
135
182
230
100
- 40
+ 20
+ 35
104
339
1.125
1.350 XTV406(1)270P0A
75
240
180
4.5
145
202
250
90
- 60
+ 20
+ 35
160
608
1.125
2.812 XTV756(1)270P0A
150
240
180
4.5
195
215
235
75
- 60
+ 20
+ 35
202
608
1.125
2.812 XTV157(1)270P0A
360 VDC AT + 85 °C
2.0
320
240
40.0
35
52
70
1000
- 30
+ 20
+ 20
37
108
0.656
1.312 XTK205(1)360P0A
4.0
320
240
20.0
60
90
120
500
- 30
+ 20
+ 20
41
175
0.656
1.781 XTM405(1)360P0A
6.0
320
240
11.0
55
82
110
360
- 35
+ 10
+ 20
80
258
0.875
1.635 XTL605(1)360P0A
12
320
240
11.0
90
135
180
180
- 35
+ 10
+ 20
105
314
0.875
2.420 XTH126(1)360P0A
22
320
240
10.0
125
170
215
100
- 40
+ 20
+ 35
126
323
1.125
1.705 XTV226(1)360P0A
30
320
240
10.0
135
182
230
120
- 40
+ 20
+ 35
133
323
1.125
1.705 XTV306(1)360P0A
450 VDC AT + 85 °C
5.0
400
300
13.0
55
82
110
450
- 35
+ 10
+ 20
98
262
0.875
2.000 XTL505(1)450P0A
10
400
300
13.0
90
135
180
225
- 35
+ 10
+ 20
130
318
0.875
2.980 XTH106(1)450P0A
17
400
300
12.5
125
170
215
130
- 40
+ 20
+ 35
152
315
1.125
2.080 XTV176(1)450P0A
25
400
300
12.5
135
182
230
150
- 40
+ 20
+ 35
164
315
1.125
2.080 XTV256(1)450P0A
540 VDC AT + 85 °C
4.0
480
360
16.6
55
82
110
540
- 35
+ 10
+ 20
114
250
0.875
2.365 XTL405(1)540P0A
8.0
480
360
16.6
90
135
180
270
- 35
+ 10
+ 20
154
306
0.875
3.532 XTH805(1)540P0A
14
480
300
15.0
120
162
205
160
- 40
+ 20
+ 35
178
309
1.125
2.435 XTV146(1)540P0A
20
480
300
15.0
135
182
230
170
- 40
+ 20
+ 35
196
309
1.125
2.435 XTV206(1)540P0A
630 VDC AT + 85 °C
3.5
560
420
18.9
55
82
110
630
- 35
+ 10
+ 20
133
249
0.875
2.720 XTL355(1)630P0A
7.0
560
420
18.9
90
135
180
315
- 35
+ 10
+ 20
179
308
0.875
4.062 XTH705(1)630P0A
12
560
420
17.5
120
162
205
180
- 40
+ 20
+ 35
204
306
1.125
2.810 XTV126T630P0A
18
560
420
17.5
135
182
230
200
- 40
+ 20
+ 35
225
306
1.125
2.810 XTV186(1)630P0A
STANDARD RATINGS AND DIMENSIONS
CAPACITANCE
MAX.
WORKING
VOLTAGE
TYP.
ESR
MAX. DCL AT
MAX. VDC
(μA)
MAX.
Z
- 55 °C
MAX. % CAP.
CHANGE FROM
ROOM TEMP.
APPROX.
WEIGHT
MAX.
RIPPLE
120 Hz
RMS
- 55 °C
TO
+ 175 °C
SIZE
PART
NUMBER
D
+ 0.031
- 0.015
H
+ 0.062
- 0.062
(μF)
+ 125 °C + 175 °C (
) + 85 °C + 125 °C + 175 °C () - 55 °C + 85 °C + 175 °C
(g)
(mA)
Note
• Part number definitions:
(1) Tolerance code:
T = - 15 % to + 50 % (standard for XTK, XTM, XTV)
U = -15 % to + 75 % (standard for XTH, XTL)
M = ± 20 % (available by special order)


Similar Part No. - XTK

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
XTK-00020 PMI-XTK-00020 Datasheet
169Kb / 4P
   SENDUST TOROIDAL POWER INDUCTORS
XTK-00021 PMI-XTK-00021 Datasheet
169Kb / 4P
   SENDUST TOROIDAL POWER INDUCTORS
XTK-00022 PMI-XTK-00022 Datasheet
169Kb / 4P
   SENDUST TOROIDAL POWER INDUCTORS
XTK-00023 PMI-XTK-00023 Datasheet
169Kb / 4P
   SENDUST TOROIDAL POWER INDUCTORS
XTK-00024 PMI-XTK-00024 Datasheet
169Kb / 4P
   SENDUST TOROIDAL POWER INDUCTORS
More results

Similar Description - XTK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com