Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XOSM-57BE50ME4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XOSM-57BE50ME4
Description  Surface Mount Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XOSM-57BE50ME4 Datasheet(HTML) 1 Page - Vishay Siliconix

  XOSM-57BE50ME4 Datasheet HTML 1Page - Vishay Siliconix XOSM-57BE50ME4 Datasheet HTML 2Page - Vishay Siliconix XOSM-57BE50ME4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35028
For technical questions, contact: frequency@vishay.com
www.vishay.com
Revision: 08-Mar-11
33
Surface Mount Oscillator
XOSM-57
Vishay Dale
The XOSM-57 series is an ultra miniature package clock
oscillator with dimensions 7.0 mm x 5.0 mm x 1.9 mm. It is
mainly used in portable PC and telecommunication devices
and equipment.
FEATURES
• Size: 7.0 x 5.0 x 1.9 (mm)
• Miniature package
• Tri-state enable/disable
• TTL/HCMOS compatible
• Tape and reel
•IR re-flow
• 5 V input voltage
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
Note
(1) Include: 25 °C tolerance, operating temperature range, input voltage change, aging, load change, shock vibration
Note
• A 0.01 μF bypass capacitor should be placed between VDD (pin 4) and GND (pin 2) to minimize power supply line noise
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
VALUE
Frequency range
FO
-
1.500 MHz to 100.000 MHz
Frequency stability (1)
all conditions
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating temperature range
TOPR
-
0 ºC to 70 ºC
- 40 ºC to + 85 ºC (option)
Storage temperature range
TSTG
-
- 55 ºC to + 125 ºC
Power supply voltage
VDD
-
5.0 V ± 10 %
Aging (first year)
25 ºC ± 3 ºC
± 5 ppm
Supply current
IDD
1.500 MHz to 20.000 MHz
20 mA max.
20.001 MHz to 50.000 MHz
35 mA max.
30.001 MHz to 100.000 MHz
45 mA max.
Output symmetry
Sym
at 1/2 VDD
40 %/60 % (45 %/55 % option)
Rise/fall time
tr/tf
1.500 MHz to 67.000 MHz
10 ns
67.001 MHz to 100.000 MHz
3 ns
Output voltage
VOH
-
90 % VDD min.
VOL
-
10 % VDD max.
Output load
1.500 MHz to 67.000 MHz
10 TTL or 50 pF max.
67.001 MHz to 100.000 MHz
15 pF max.
Start-up time
ts
-10 ms max.
Pin 1, tri-state function
-
pin 1 = H or open (output active at pin 3)
pin 1 = L (high impedance at pin 3)
DIMENSIONS in inches [millimeters]
PIN
#1
#2
#3
#4
CONNECTION
TRI-STATE/NC
GND
OUTPUT
VDD
0.075 [1.90]
max.
#4
#3
#1
#2
0.055 [1.40]
typ.
0.2 [5.08]
typ.
0.200
[5.08]
0.079
[2.0]
0.165
[4.20]
0.071
[1.8]
0.197 ± 0.008
[5.0 ± 0.2]
0.276 ± 0.008
[7.0 ± 0.2]
0.102 [2.60]
typ.
0.047 [1.20]
typ.


Similar Part No. - XOSM-57BE50ME4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-57BE50ME4 VISHAY-XOSM-57BE50ME4 Datasheet
94Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
More results

Similar Description - XOSM-57BE50ME4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_11 Datasheet
80Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-533 VISHAY-XOSM-533_11 Datasheet
73Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-532 VISHAY-XOSM-532 Datasheet
136Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ECM Electronics Limited...
VFAC3 ECM-VFAC3 Datasheet
121Kb / 1P
   Surface Mount Oscillator
ECXO5 ECM-ECXO5 Datasheet
71Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_07 Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-533 VISHAY-XOSM-533_V01 Datasheet
79Kb / 3P
   Surface Mount Oscillator
01-Jan-2022
XOSM-57 VISHAY-XOSM-57 Datasheet
117Kb / 1P
   Surface Mount Oscillator
Revision: 07-Jun-04
logo
ECM Electronics Limited...
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
   Surface Mount Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com