Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-C2123 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-C2123
Description  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C2123 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-C2123 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C2123 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C2123 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C2123 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C2123 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
BCP 54
... BCP 56
Maximum Ratings
Parameter
Symbol
BCP 54
Unit
Collector-emitter voltage
RBE
1k
VCE0
VCER
45
45
V
Collector-base voltage
VCB0
45
Emitter-base voltage
VEB0
Collector current
IC
A
Base current
IB
mA
Total power dissipation, TS = 124 ˚C1)
Ptot
W
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient1)
Rth JA
72
K/W
Peak collector current
ICM
Peak base current
IBM
BCP 55
60
60
60
1
100
1.5
150
1.5
200
Values
BCP 56
80
100
100
5
Junction - soldering point
Rth JS
17
1)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.


Similar Part No. - Q62702-C2123

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C2126 SIEMENS-Q62702-C2126 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
Q62702-C2127 SIEMENS-Q62702-C2127 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
Q62702-C2128 SIEMENS-Q62702-C2128 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
Q62702-C2129 SIEMENS-Q62702-C2129 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
More results

Similar Description - Q62702-C2123

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com