Part Name
         Description
BCR112

 NPN Silicon Digital Transistor (Switching circuit, inverter, inferface circuit, driver circuit) ( 4 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 3 page
background image
Semiconductor Group
3
Nov-26-1996
BCR 112
DC Current Gain
hFE = f (IC)
VCE = 5V (common emitter configuration)
10
-1
10
0
10
1
10
2
mA
I
C
-1
10
0
10
1
10
2
10
3
10
-
h
FE
Collector-Emitter Saturation Voltage
VCEsat = f(IC), hFE = 20
0.0
0.1
0.2
0.3
V
0.5
V
CEsat
0
10
1
10
2
10
mA
I
C
Input on Voltage
Vi(on) = f(IC)
VCE = 0.3V (common emitter configuration)
10
0
10
1
V
V
i(on)
-1
10
0
10
1
10
2
10
3
10
mA
I
C
Input off voltage
Vi(off) = f(IC)
VCE = 5V (common emitter configuration)
1.0
1.2
1.4
1.6
V
2.0
V
i(off)
-2
10
-1
10
0
10
1
10
mA
I
C



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR112WNPN Silicon Digital Transistor Switching circuit inverter inferface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR129NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR148SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR129SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR148WNPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR519NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR133NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR521NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR133SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR523NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl