Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSSB420S-M3-52T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSSB420S-M3-52T
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSB420S-M3-52T Datasheet(HTML) 2 Page - Vishay Siliconix

  VSSB420S-M3-52T Datasheet HTML 1Page - Vishay Siliconix VSSB420S-M3-52T Datasheet HTML 2Page - Vishay Siliconix VSSB420S-M3-52T Datasheet HTML 3Page - Vishay Siliconix VSSB420S-M3-52T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89317
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 10-Nov-10
VSSB420S
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended PCB 1 oz. pad area; thermal resistance RJA - junction to ambient
(2) Units mounted on PCB with 20 mm x 20 mm copper pad areas; thermal resistance RJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 4.0 A
TA = 25 °C
VF (1)
1.44
1.90
V
TA = 125 °C
0.71
0.80
Reverse current per diode
VR = 180 V
TA = 25 °C
IR (2)
3-
μA
TA = 125 °C
0.7
-
mA
VR = 200 V
TA = 25 °C
4
150
μA
TA = 125 °C
1.1
10
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
120
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSB420S
UNIT
Typical thermal resistance
RJA (1)
120
°C/W
RJM (2)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
VSSB420S-M3/52T
0.096
52T
750
7" diameter plastic tape and reel
VSSB420S-M3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
0
25
50
75
100
125
5.0
150
TM - Mount Temperature (°C)
2.5
2.0
1.5
0.5
0
1.0
T
M Measured at Terminal
3.0
4.0
3.5
4.5
0
4.4
0
4
Average Forward Current (A)
1.5
1.0
0.5
4.0
3.6
3.2
2.8
2.4
2.0
0.4
D = t
p/T
t
p
T
D = 0.1
D = 0.5
D = 0.8
D = 1.0
3.5
3.0
2.5
2.0
D = 0.3
D = 0.2
1.6
1.2
0.8


Similar Part No. - VSSB420S-M3-52T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSB420S-M3 VISHAY-VSSB420S-M3 Datasheet
88Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 28-Nov-13
VSSB420S-M3 VISHAY-VSSB420S-M3_V01 Datasheet
99Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - VSSB420S-M3-52T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 18-Oct-10
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Mar-14
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 31-Jul-13
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VSSB310 VISHAY-VSSB310 Datasheet
94Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Aug-09
VSSB410S VISHAY-VSSB410S Datasheet
94Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Aug-09
V3PAL45 VISHAY-V3PAL45 Datasheet
113Kb / 6P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 30-Jul-13
logo
Shenzhen Taychipst Elec...
VSSA310 TAYCHIPST-VSSA310 Datasheet
3Mb / 2P
   Surface Mount Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VSSAF515 VISHAY-VSSAF515 Datasheet
108Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-May-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com