Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSSB420S-M3-52T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSSB420S-M3-52T
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSB420S-M3-52T Datasheet(HTML) 1 Page - Vishay Siliconix

  VSSB420S-M3-52T Datasheet HTML 1Page - Vishay Siliconix VSSB420S-M3-52T Datasheet HTML 2Page - Vishay Siliconix VSSB420S-M3-52T Datasheet HTML 3Page - Vishay Siliconix VSSB420S-M3-52T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 89317
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 10-Nov-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Surface Mount Trench MOS Barrier Schottky Rectifier
VSSB420S
Vishay General Semiconductor
New Product
FEATURES
• Low profile package
• Ideal for automated placement
• Trench MOS Schottky technology
• Low power losses, high efficiency
• Low forward voltage drop
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
For use in high frequency converters, freewheeling diodes,
DC/DC converters and polarity protection applications.
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free
and
RoHS
compliant,
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
Notes
(1) Units mounted on PCB with 20 mm x 20 mm pad areas
(2) Free air, mounted on recommended PCB 1 oz. pad area
PRIMARY CHARACTERISTICS
IF(AV)
4.0 A
VRRM
200 V
IFSM
40 A
VF at IF = 4.0 A
0.71 V
TJ max.
150 °C
DO-214AA (SMB)
TMBS
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSB420S
UNIT
Device marking code
V4D
Maximum repetitive peak reverse voltage
VRRM
200
V
Maximum DC forward current
IF (1)
4.0
A
IF (2)
1.8
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - VSSB420S-M3-52T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSB420S-M3 VISHAY-VSSB420S-M3 Datasheet
88Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 28-Nov-13
VSSB420S-M3 VISHAY-VSSB420S-M3_V01 Datasheet
99Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - VSSB420S-M3-52T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 18-Oct-10
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Mar-14
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 31-Jul-13
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VSSB310 VISHAY-VSSB310 Datasheet
94Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Aug-09
VSSB410S VISHAY-VSSB410S Datasheet
94Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Aug-09
V3PAL45 VISHAY-V3PAL45 Datasheet
113Kb / 6P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 30-Jul-13
logo
Shenzhen Taychipst Elec...
VSSA310 TAYCHIPST-VSSA310 Datasheet
3Mb / 2P
   Surface Mount Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VSSAF515 VISHAY-VSSAF515 Datasheet
108Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-May-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com