Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800SP8B5M2REH Datasheet(PDF) 1 Page - E-SWITCH

Part # 800SP8B5M2REH
Description  PUSHBUTTON SWITCHES - SUB-MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

800SP8B5M2REH Datasheet(HTML) 1 Page - E-SWITCH

  800SP8B5M2REH Datasheet HTML 1Page - E-SWITCH 800SP8B5M2REH Datasheet HTML 2Page - E-SWITCH 800SP8B5M2REH Datasheet HTML 3Page - E-SWITCH 800SP8B5M2REH Datasheet HTML 4Page - E-SWITCH 800SP8B5M2REH Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
72
SERIES 800 SWITCHES
Specifications subject to change without notice.
Example Ordering Number
800_ SP9_ B5_ M1_ Q _E_ H
PUSHBUTTON SWITCHES - SUB-MINIATURE
SPECIFICATIONS
Contact Rating:
1A @ 250 VAC
3A @ 120 VAC or 28 VDC
Life Expectancy:
50,000 cycles typical
Contact Resistance:
10mΩ max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000MΩ min.
Dielectric Strength:
1,000 V rms @ sea level
Actuation Force:
200 ± 50 gf
Operating Temperature: -30°C to +85°C
MATERIALS
Case:
DAP
Plunger:
Glass filled nylon or glass filled polyester
Bushing:
Nickel plated brass
Housing:
Stainless steel
Contacts:
Silver or Gold plated copper alloy
FEATURES & BENEFITS
Subminiature design
Butt contact design
Snap-in panel mount option
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems
SERIES
CONTACT
MATERIAL
SP9
SP8
Q = Silver
R = Gold
See Cap Options
CAP
CAP COLOR
MODEL NO.
800
HOW TO ORDER
B5
B6
B7
B8*
B9*
B10
BUSHING
M1
M2
M6
M61
M7
VS2
TERMINATION
SEAL
E = Epoxy
Sealed at
Base of
Terminal
HARDWARE
H =
Hardware
E
BUSHING OPTIONS
*Note: C2 cap not available on
B8 or B9 bushing.
No Flat
THD
B5
NON-THD
B6
NON-THD
B7
NON-THD
B8
THD
B9
NON-THD
B7


Similar Part No. - 800SP8B5M2REH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800SP9B5M2QE E-SWITCH-800SP9B5M2QE Datasheet
79Kb / 1P
   E-SWITCH 800SP9B5M2QE
More results

Similar Description - 800SP8B5M2REH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
38FSP8B5M1QT GRAYHILL-38FSP8B5M1QT Datasheet
418Kb / 4P
   Sub-Miniature Pushbutton Switches
logo
E-SWITCH
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
   PUSHBUTTON SWITCHES - SUB MINIATURE
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
logo
E-SWITCH
900 E-SWITCH-900 Datasheet
172Kb / 2P
   SUB-MINIATURE SMT PUSHBUTTON SWITCHES
logo
GREATECS
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
   Sealed Sub-Miniature SMT Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com