Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKT250-16 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSKT250-16
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT250-16 Datasheet(HTML) 5 Page - Vishay Siliconix

  VSKT250-16 Datasheet HTML 1Page - Vishay Siliconix VSKT250-16 Datasheet HTML 2Page - Vishay Siliconix VSKT250-16 Datasheet HTML 3Page - Vishay Siliconix VSKT250-16 Datasheet HTML 4Page - Vishay Siliconix VSKT250-16 Datasheet HTML 5Page - Vishay Siliconix VSKT250-16 Datasheet HTML 6Page - Vishay Siliconix VSKT250-16 Datasheet HTML 7Page - Vishay Siliconix VSKT250-16 Datasheet HTML 8Page - Vishay Siliconix VSKT250-16 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 94417
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 02-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
VSK.170PbF, VSK.250PbF Series
SCR/SCR and SCR/Diode
(MAGN-A-PAK Power Modules), 170 A/250 A
Vishay Semiconductors
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Power Loss Characteristics
Fig. 8 - On-State Power Loss Characteristics
2000
2500
3000
3500
4000
4500
5000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
RRM Applied Following Surge.
VSK.170.. Series
Per Junction
Initial T
J = 130°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
2000
2500
3000
3500
4000
4500
5000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Curren t
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained .
Initial T
J = 130°C
No Voltage Reapplied
Rated V
RRM Reapplied
VSK.170.. Series
Per Junction
020
40
60
80
100
120
0.3
5 K
/W
0.3
K/W
0.2
5
K/
W
0.2
K/
W
Maximum Allowable Ambient Temperature (°C)
0
50
100
150
200
250
300
350
400
0
50
100 150 200 250 300 350 400
180°
120°
90°
60°
30°
Total RMS Output Current (A)
Conduction Angle
VSK.170.. Series
Per Module
T
J = 130°C
0
20406080
100
120
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.1
K/
W
0.1
2 K
/ W
0.1
6 K
/ W
0.2
K/ W
0.25
K/ W
0.35 K
/ W
0
100
200
300
400
500
600
700
800
900
1000
0
50
100
150
200
250
300
350
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x VSK.170.. Series
Single Phase Bridge
Connected
T
J = 130°C


Similar Part No. - VSKT250-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT25016PBF VISHAY-VSKT25016PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
More results

Similar Description - VSKT250-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com