Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSMF9700-GS08 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSMF9700-GS08
Description  High Speed Infrared Emitting Diode, 890 nm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMF9700-GS08 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSMF9700-GS08 Datasheet HTML 1Page - Vishay Siliconix VSMF9700-GS08 Datasheet HTML 2Page - Vishay Siliconix VSMF9700-GS08 Datasheet HTML 3Page - Vishay Siliconix VSMF9700-GS08 Datasheet HTML 4Page - Vishay Siliconix VSMF9700-GS08 Datasheet HTML 5Page - Vishay Siliconix VSMF9700-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81475
4
Rev. 1.5, 03-Nov-09
VSMF9700X01
Vishay Semiconductors High Speed Infrared Emitting Diode,
890 nm
Fig. 9 - Relative Spectral Sensitivity vs. Wavelength
Fig. 10 - Relative Radiant Intensity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
REFLOW SOLDER PROFILE
Fig. 11 - Lead (Pb)-free Reflow Solder Profile acc. J-STD-020
DRYPACK
Devices are packed in moisture barrier bags (MBB) to
prevent the products from moisture absorption during
transportation and storage. Each bag contains a desiccant.
FLOOR LIFE
Floor life (time between soldering and removing from MBB)
must not exceed the time indicated on MBB label:
Floor life: 168 h
Conditions: Tamb < 30 °C, RH < 60 %
Moisture sensitivity level 3, acc. to J-STD-020.
DRYING
In case of moisture absorption devices should be baked
before soldering. Conditions see J-STD-020 or label.
Devices taped on reel dry using recommended conditions
192 h at 40 °C (+ 5 °C), RH < 5 %.
λ - Wavelength (nm)
20420
0
0.25
0.5
0.75
1
1.25
800 820 840 860 880 900 920 940 960 980 1000
0.4
0.2
0
94 8013
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Mounting Pad Layout
1.2
1.6 (1.9)
4
area covered with
solder resist
Drawing-No.: 6.541-5067.02-4
Issue: 2; 30.07.07
20767
technical drawings
according to DIN
specifications
Pin identification
3.5 ± 0.2
3 + 0.15
Ø 2.4
AC
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s max. ramp down 6 °C/s
19841
255 °C


Similar Part No. - VSMF9700-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMF970011X01 VISHAY-VSMF970011X01 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm
Rev. 1.0, 16-Feb-15
VSMF970011X01-GS08 VISHAY-VSMF970011X01-GS08 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm
Rev. 1.0, 16-Feb-15
VSMF970011X01-GS18 VISHAY-VSMF970011X01-GS18 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm
Rev. 1.0, 16-Feb-15
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.9, 24-Jul-14
VSMF9700X01-GS08 VISHAY-VSMF9700X01-GS08 Datasheet
134Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.9, 24-Jul-14
More results

Similar Description - VSMF9700-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMF970011X01 VISHAY-VSMF970011X01 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm
Rev. 1.0, 16-Feb-15
VSMF2893SLX01 VISHAY-VSMF2893SLX01 Datasheet
154Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs, DH
Rev. 1.0, 26-Feb-13
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSSF4500 VISHAY-TSSF4500_11 Datasheet
96Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 24-Aug-11
VSMF3710 VISHAY-VSMF3710_V01 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2022
VSMY3890X01 VISHAY-VSMY3890X01 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm, Surface Emitter Technology
01-Jan-2022
VSMF3710 VISHAY-VSMF3710_09 Datasheet
149Kb / 7P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 03-Nov-09
TSHF6410 VISHAY-TSHF6410_V02 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2023
TSHF5210 VISHAY-TSHF5210_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com