Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSMF4710 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSMF4710
Description  High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMF4710 Datasheet(HTML) 1 Page - Vishay Siliconix

  VSMF4710_09 Datasheet HTML 1Page - Vishay Siliconix VSMF4710_09 Datasheet HTML 2Page - Vishay Siliconix VSMF4710_09 Datasheet HTML 3Page - Vishay Siliconix VSMF4710_09 Datasheet HTML 4Page - Vishay Siliconix VSMF4710_09 Datasheet HTML 5Page - Vishay Siliconix VSMF4710_09 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 81470
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.3, 03-Nov-09
1
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
VSMF4710
Vishay Semiconductors
DESCRIPTION
VSMF4710 is an infrared, 870 nm emitting diode in GaAlAs
double hetero (DH) technology with high radiant power and
high speed, molded in a PLCC-2 package for surface
mounting (SMD).
FEATURES
• Package type: surface mount
• Package form: PLCC-2
• Dimensions (L x W x H in mm): 3.5 x 2.8 x 1.75
• Peak wavelength:
λ
p = 870 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity:
ϕ = ± 60°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation band width: fc = 24 MHz
• Good spectral matching with Si photodetectors
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• AEC-Q101 qualified
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Find out more about Vishay’s Automotive Grade Product
requirements at: www.vishay.com/applications
APPLICATIONS
• High speed IR data transmission
• High power emitter for low space applications
• High performance transmissive or reflective sensors
Note
Test conditions see table “Basic Characteristics”
Note
MOQ: minimum order quantity
94 8553
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λ
p (nm)
tr (ns)
VSMF4710
10
± 60
870
15
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
VSMF4710-GS08
Tape and reel
MOQ: 7500 pcs, 1500 pcs/reel
PLCC-2
VSMF4710-GS18
Tape and reel
MOQ: 8000 pcs, 8000 pcs/reel
PLCC-2
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


Similar Part No. - VSMF4710_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMF4710-GS08 VISHAY-VSMF4710-GS08 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
VSMF4710-GS08 VISHAY-VSMF4710-GS08 Datasheet
131Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.4, 25-Sep-13
VSMF4710-GS08 VISHAY-VSMF4710-GS08 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
VSMF4710-GS18 VISHAY-VSMF4710-GS18 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
VSMF4710-GS18 VISHAY-VSMF4710-GS18 Datasheet
131Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.4, 25-Sep-13
More results

Similar Description - VSMF4710_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 21-Feb-07
TSFF5510 VISHAY-TSFF5510 Datasheet
106Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.0, 07-Feb-08
TSFF6210 VISHAY-TSFF6210_V01 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
VSMF4720 VISHAY-VSMF4720_V01 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
TSHA550 VISHAY-TSHA550 Datasheet
138Kb / 7P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 07-Apr-04
TSHF5200 VISHAY-TSHF5200 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 08-Mar-05
TSFF5510 VISHAY-TSFF5510_V01 Datasheet
96Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF6410 VISHAY-TSFF6410_V01 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 28-Nov-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com