Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKV71-16 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSKV71-16
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 75 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKV71-16 Datasheet(HTML) 5 Page - Vishay Siliconix

  VSKV71-16 Datasheet HTML 1Page - Vishay Siliconix VSKV71-16 Datasheet HTML 2Page - Vishay Siliconix VSKV71-16 Datasheet HTML 3Page - Vishay Siliconix VSKV71-16 Datasheet HTML 4Page - Vishay Siliconix VSKV71-16 Datasheet HTML 5Page - Vishay Siliconix VSKV71-16 Datasheet HTML 6Page - Vishay Siliconix VSKV71-16 Datasheet HTML 7Page - Vishay Siliconix VSKV71-16 Datasheet HTML 8Page - Vishay Siliconix VSKV71-16 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94654
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
VSKU71.., VSKV71.. Series
ADD-A-PAK Generation VII
Power Modules Thyristor/Thyristor, 75 A
Vishay Semiconductors
Fig. 7 - On-State Power Loss Characteristics
Fig. 8 - On-State Power Loss Characteristics
Fig. 9 - On-State Voltage Characteristics
Total output current (A)
0
20
40
60
80
100 120 140
RthSA = 0.1 °C/W
0.2 °C/W
0.3 °C/W
0.5 °C/W
1 °C/W
2 °C/W
Maximum allowable ambient temperature (°C)
0
20 40 60 80 100 120 140 160 180
0
100
200
300
400
500
600
700
180°
(sine)
180°
(rect)
2 x VSK.71 Series
single phase bridge connected
Tj = 125°C
Total output current (A)
Maximum allowable ambient temperature (°C)
0
20
40
60
80
100 120 140
RthSA = 0.1 °C/W
0.2 °C/W
0.3 °C/W
0.5 °C/W
1 °C/W
0
50
100 150 200 250 300 350
0
100
200
300
400
500
600
700
800
60°
(rect)
3 x VSK.71 Series
6-pulse midpoint
connection bridge
Tj = 125°C
Instantaneous on-state voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
10
100
1000
Tj = 25°C
Tj = 125°C
Per leg


Similar Part No. - VSKV71-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKV105-04 VISHAY-VSKV105-04 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKV105-04 VISHAY-VSKV105-04 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKV105-08 VISHAY-VSKV105-08 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKV105-08 VISHAY-VSKV105-08 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKV105-12 VISHAY-VSKV105-12 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
More results

Similar Description - VSKV71-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com