Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKL105-14 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKL105-14
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKL105-14 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKL105-14 Datasheet HTML 1Page - Vishay Siliconix VSKL105-14 Datasheet HTML 2Page - Vishay Siliconix VSKL105-14 Datasheet HTML 3Page - Vishay Siliconix VSKL105-14 Datasheet HTML 4Page - Vishay Siliconix VSKL105-14 Datasheet HTML 5Page - Vishay Siliconix VSKL105-14 Datasheet HTML 6Page - Vishay Siliconix VSKL105-14 Datasheet HTML 7Page - Vishay Siliconix VSKL105-14 Datasheet HTML 8Page - Vishay Siliconix VSKL105-14 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94628
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-May-10
VSKT105.., VSKH105.., VSKL105.., VSKN105.. Series
Vishay Semiconductors
ADD-A-PAK Generation VII Power Modules
Thyristor/Diode and Thyristor/Thyristor, 105 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Average on-state current (A)
0
2040
6080
100
120
70
80
90
100
110
120
130
180°
120°
90°
60°
30°
RthJC (DC) = 0.22°C/W
0
20 406080 100 120 140 160 180
70
80
90
100
110
120
130
180°
120°
90°
60°
30°
DC
RthJC (DC) = 0.22°C/W
Average on-state current (A)
Average on-state current (A)
020
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
200
180°
120°
90°
60°
30°
RMS limit
Per leg, Tj = 130°C
Average on-state current (A)
0
204060 80 100 120 140 160 180
0
20
40
60
80
100
120
140
160
180
200
220
240
260
180°
120°
90°
60°
30°
RMS limit
DC
Per leg, Tj = 130°C
Number of equal amplitude half cycle current pulses (N)
110
100
800
1000
1200
1400
1600
1800
At any rated load condition and with
rated Vrrm applied following surge
Initial Tj = Tj max
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100s
Per leg
Pulse train duration (s)
0.01
0.1
1
800
1000
1200
1400
1600
1800
2000
Maximum Non-repetitive Surge Current
Versus Pulse Train Duration. Control
of conduction may not be maintained.
Initial Tj = 130°C
No Voltage Reapplied
Rated Vrrm reapplied
Per leg


Similar Part No. - VSKL105-14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKL26-04 VISHAY-VSKL26-04 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKL26-06 VISHAY-VSKL26-06 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKL26-08 VISHAY-VSKL26-08 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKL26-10 VISHAY-VSKL26-10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKL26-12 VISHAY-VSKL26-12 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
More results

Similar Description - VSKL105-14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VS-VSK.41 VISHAY-VS-VSK.41 Datasheet
508Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 21-Mar-14
VSKT41 VISHAY-VSKT41_10 Datasheet
734Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com