Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKT250-12PBF Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VSKT250-12PBF
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT250-12PBF Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VSKT250-12PBF Datasheet HTML 4Page - Vishay Siliconix VSKT250-12PBF Datasheet HTML 5Page - Vishay Siliconix VSKT250-12PBF Datasheet HTML 6Page - Vishay Siliconix VSKT250-12PBF Datasheet HTML 7Page - Vishay Siliconix VSKT250-12PBF Datasheet HTML 8Page - Vishay Siliconix VSKT250-12PBF Datasheet HTML 9Page - Vishay Siliconix VSKT250-12PBF Datasheet HTML 10Page - Vishay Siliconix VSKT250-12PBF Datasheet HTML 11Page - Vishay Siliconix VSKT250-12PBF Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 94417
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 02-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
9
VSK.170PbF, VSK.250PbF Series
SCR/SCR and SCR/Diode
(MAGN-A-PAK Power Modules), 170 A/250 A
Vishay Semiconductors
Fig. 23 - Gate Characteristics
Fig. 24 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
(3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
rated di/dt : 20 V, 10 ohms; tr < =1µs
tr<=1 µs
Rectangular gate pulse
<=30% rated di/dt : 10V, 20ohms
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
VSK.170/250 Series
Frequency Limited by PG(AV)
(1)
(4)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
VSK.170.. Series
Steady State Value:
R
= 0.17 K/W
R
= 0.125 K/W
(DC Operation)
thJC
thJC
VSK.250.. Series
1
-
Module type
2
-
Circuit configuration (see dimensions - link at the end of datasheet)
3
-
Current rating
4
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
Device code
5
13
24
VSK
T
250
-
20
PbF
5
-
None = Standard production
PbF = Lead (Pb)-free


Similar Part No. - VSKT250-12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT25016PBF VISHAY-VSKT25016PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
More results

Similar Description - VSKT250-12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com