Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKN26-14 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKN26-14
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKN26-14 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKN26-14 Datasheet HTML 1Page - Vishay Siliconix VSKN26-14 Datasheet HTML 2Page - Vishay Siliconix VSKN26-14 Datasheet HTML 3Page - Vishay Siliconix VSKN26-14 Datasheet HTML 4Page - Vishay Siliconix VSKN26-14 Datasheet HTML 5Page - Vishay Siliconix VSKN26-14 Datasheet HTML 6Page - Vishay Siliconix VSKN26-14 Datasheet HTML 7Page - Vishay Siliconix VSKN26-14 Datasheet HTML 8Page - Vishay Siliconix VSKN26-14 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94629
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-May-10
VSKT26.., VSKH26.., VSKL26.., VSKN26.. Series
Vishay Semiconductors
ADD-A-PAK Generation VII Power Modules
Thyristor/Diode and Thyristor/Thyristor, 27 A
ELECTRICAL SPECIFICATIONS
Notes
(1) I2t for time tx = I2
√t x √tx
(2) Average power = VT(TO) x IT(AV) + rt x (IT(RMS))2
(3) 16.7 % x
π x IAV < I < π x IAV
(4) I >
π x IAV
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM REPETITIVE
PEAK OFF-STATE VOLTAGE,
GATE OPEN CIRCUIT
V
IRRM, IDRM
AT 125 °C
mA
VSK.26
04
400
500
400
15
06
600
700
600
08
800
900
800
10
1000
1100
1000
12
1200
1300
1200
14
1400
1500
1400
16
1600
1700
1600
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current (thyristors)
IT(AV)
180° conduction, half sine wave,
TC = 85 °C
27
A
Maximum average forward current (diodes)
IF(AV)
Maximum continuous RMS on-state current,
as AC switch
IO(RMS)
60
Maximum peak, one-cycle non-repetitive
on-state or forward current
ITSM
or
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial TJ = TJ maximum
400
t = 8.3 ms
420
t = 10 ms
100 % VRRM
reapplied
335
t = 8.3 ms
350
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
Initial TJ = TJ maximum
800
A2s
t = 8.3 ms
730
t = 10 ms
100 % VRRM
reapplied
560
t = 8.3 ms
510
Maximum I2
√t for fusing
I2
√t (1)
t = 0.1 ms to 10 ms, no voltage reapplied
TJ = TJ maximum
8000
A2
√s
Maximum value or threshold voltage
VT(TO) (2)
Low level (3)
TJ = TJ maximum
0.86
V
High level (4)
1.09
Maximum value of on-state
slope resistance
rt (2)
Low level (3)
TJ = TJ maximum
9.58
m
Ω
High level (4)
7.31
Maximum peak on-state or forward voltage
VTM
ITM =
π x IT(AV)
TJ = 25 °C
1.65
V
VFM
IFM =
π x IF(AV)
Maximum non-repetitive rate of rise of
turned on current
dI/dt
TJ = 25 °C, from 0.67 VDRM,
ITM =
π x IT(AV), Ig = 500 mA, tr < 0.5 μs, tp > 6 μs
150
A/μs
Maximum holding current
IH
TJ = 25 °C, anode supply = 6 V,
resistive load, gate open circuit
200
mA
Maximum latching current
IL
TJ = 25 °C, anode supply = 6 V, resistive load
400
or
I
(RMS)
I
(RMS)


Similar Part No. - VSKN26-14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKN105-04 VISHAY-VSKN105-04 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKN105-06 VISHAY-VSKN105-06 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKN105-08 VISHAY-VSKN105-08 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKN105-10 VISHAY-VSKN105-10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKN105-12 VISHAY-VSKN105-12 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
More results

Similar Description - VSKN26-14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VS-VSK.41 VISHAY-VS-VSK.41 Datasheet
508Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 21-Mar-14
VSKT41 VISHAY-VSKT41_10 Datasheet
734Kb / 11P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 45 A/60 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com