Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

901 Datasheet(PDF) 1 Page - E-SWITCH

Part # 901
Description  TACT SWITCHES SMT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

901 Datasheet(HTML) 1 Page - E-SWITCH

  901 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.e-switch.com
info@e-switch.com
11
SERIES 901 SWITCHES
TACT SWITCHES SMT
901
SCHEMATIC
P.C. MOUNTING
Specifications subject to change without notice.
Example Ordering Number
901_ A_ G_Q_ F180
SPECIFICATIONS
Contact Rating:
12 VDC, 50mA
Life Expectancy:
50,000 cycles
Contact Resistance:
100mΩ max. (initial)
Insulation Resistance:
100MΩ min. @ 100 VDC
Dielectric Strength:
250 VAC
Actuator Force:
180 ± 50 gf min.
Operating Temperature: -20°C to +70°C
Travel:
0.30 ±0.1mm
OPERATING
FORCE
CONTACT
MATERIAL
901
F180
Q = Silver
G = Gull Wing
SERIES
HOW TO ORDER
TERMINATION
FEATURES & BENEFITS
Right Angle SMT
Unique design allows PC board
edge mounting
Subminiature package size
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
MOUNTING
A = With Mounting
Bosses


Similar Part No. - 901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
901 ETC2-901 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
901 ETC2-901 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
logo
Alpha Wire
901 ALPHAWIRE-901 Datasheet
160Kb / 3P
   M12?륚 Die Cast Passive I/O Box
logo
Glenair, Inc.
901-017NF25-1P1 GLENAIR-901-017NF25-1P1 Datasheet
231Kb / 1P
   Connector Assembly, Plug and Adapter
901-018NF25-1P1 GLENAIR-901-018NF25-1P1 Datasheet
230Kb / 1P
   Plug, Adapter Assembly
More results

Similar Description - 901

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3342F160QG E-SWITCH-TL3342F160QG Datasheet
1Mb / 2P
   TACT SWITCHES SMT
TL3342 E-SWITCH-TL3342 Datasheet
150Kb / 1P
   TACT SWITCHES SMT
logo
Adam Technologies, Inc.
SW-C-RA-H1185-X ADAM-TECH-SW-C-RA-H1185-X Datasheet
84Kb / 1P
   TACT SWITCHES SMT TYPE
logo
E-SWITCH
TL3302 E-SWITCH-TL3302_1 Datasheet
168Kb / 2P
   TACT SWITCHES SMT - RECTANGULAR
logo
Adam Technologies, Inc.
SW-C-1P1T-VG-SMT-16-07-X ADAM-TECH-SW-C-1P1T-VG-SMT-16-07-X Datasheet
78Kb / 1P
   TACT SWITCHES SMT TYPE
SW-C-1P1C-VT-SMT-73-06 ADAM-TECH-SW-C-1P1C-VT-SMT-73-06 Datasheet
81Kb / 1P
   TACT SWITCHES SMT TYPE
logo
E-SWITCH
TL3340 E-SWITCH-TL3340 Datasheet
186Kb / 1P
   TACT SWITCHES SMT - SUBMINIATURE
TL6700 E-SWITCH-TL6700 Datasheet
1Mb / 1P
   SEALED SMT TACT SWITCHES
logo
Adam Technologies, Inc.
SW-C-1P1T-VT-SMT-25-04 ADAM-TECH-SW-C-1P1T-VT-SMT-25-04 Datasheet
74Kb / 1P
   TACT SWITCHES SMT TYPE
SW-C-1P1T-VT-SMT-A11116 ADAM-TECH-SW-C-1P1T-VT-SMT-A11116 Datasheet
70Kb / 1P
   TACT SWITCHES SMT TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com