Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKD250-12 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKD250-12
Description  Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD250-12 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKD250-12 Datasheet HTML 1Page - Vishay Siliconix VSKD250-12 Datasheet HTML 2Page - Vishay Siliconix VSKD250-12 Datasheet HTML 3Page - Vishay Siliconix VSKD250-12 Datasheet HTML 4Page - Vishay Siliconix VSKD250-12 Datasheet HTML 5Page - Vishay Siliconix VSKD250-12 Datasheet HTML 6Page - Vishay Siliconix VSKD250-12 Datasheet HTML 7Page - Vishay Siliconix VSKD250-12 Datasheet HTML 8Page - Vishay Siliconix VSKD250-12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93581
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 02-Jul-10
VSK.250, VSK.270, VSK.320 Series
Vishay Semiconductors Standard Recovery Diodes, 250 A to 320 A
(MAGN-A-PAK Power Modules)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Forward Power Loss Characteristics
80
90
100
110
120
130
140
150
0
50
100
150
200
250
300
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
VSK.250.. Series
R
(DC) = 0.16 K/ W
thJC
80
90
100
110
120
130
140
150
0
50
100 150 200 250 300 350 400
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
VSK.250.. Series
R
(DC) = 0.16 K/ W
thJC
0
50
100
150
200
250
300
0
50
100
150
200
250
Average Forward Current (A)
RMSLimit
Conduc tion Angle
180°
120°
90°
60°
30°
VSK.250.. Series
T = 150°C
J
0
50
100
150
200
250
300
350
400
450
0
50
100 150 200 250 300 350 400
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduction Period
VSK.250.. Series
T = 150°C
J
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.2
K/W
0.2
5 K
/ W
0.4 K
/ W
0.1
2
K/
W
0.6 K/ W
0
100
200
300
400
500
600
0
50
100 150 200 250 300 350 400
Total RMSOutput Current (A)
180°
(Sine)
DC
VSK.250.. Series
Per Junc tion
T = 150°C
J


Similar Part No. - VSKD250-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD250 VISHAY-VSKD250 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
VSKD25024 VISHAY-VSKD25024 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
More results

Similar Description - VSKD250-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
   Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
01-Jan-2022
VSK250 VISHAY-VSK250 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
12-Mar-12
VSKE270-20 VISHAY-VSKE270-20 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD250 VISHAY-VSKD250 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKDL240 VISHAY-VSKDL240 Datasheet
333Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
   Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V01 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com