Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKTF200-12HKP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VSKTF200-12HKP
Description  Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKTF200-12HKP Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VSKTF200-12HKP_10 Datasheet HTML 3Page - Vishay Siliconix VSKTF200-12HKP_10 Datasheet HTML 4Page - Vishay Siliconix VSKTF200-12HKP_10 Datasheet HTML 5Page - Vishay Siliconix VSKTF200-12HKP_10 Datasheet HTML 6Page - Vishay Siliconix VSKTF200-12HKP_10 Datasheet HTML 7Page - Vishay Siliconix VSKTF200-12HKP_10 Datasheet HTML 8Page - Vishay Siliconix VSKTF200-12HKP_10 Datasheet HTML 9Page - Vishay Siliconix VSKTF200-12HKP_10 Datasheet HTML 10Page - Vishay Siliconix VSKTF200-12HKP_10 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 94422
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
7
VSK.F200..P Series
Fast Thyristor/Diode and Thyristor/Thyristor
(MAGN-A-PAK Power Modules), 200 A
Vishay Semiconductors
Fig. 14 - Maximum On-State Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
1E1
1E2
1E3
1E4
1E11E2
1E31E4
10 joules per pulse
5
2.5
1
0.5
0.25
0.1
0.05
Pulse Basewidth (µs)
VSK.F200.. Series
Sinusoid al p ulse
tp
1E4
E1
1E2
1E3
1E4
10 joules per pulse
5
2.5
1
0.5
0.25
0.1
0.05
Pulse Basewidth (µs)
VSK.F200.. Series
Trapezoidal pulse
di/dt 50A/ µs
tp
1E1
0.1
1
10
100
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
(3)
Instantaneous Gate Current (A)
a) Rec ommended load line for
b) Rec ommended load line for
Rectangular gate pulse
rated di/ dt : 10V, 10ohms
<=30% rated di/ dt : 10V, 20ohms
VSK.F200.. Series
Frequenc y Limited by PG(AV)
(1) PGM = 8W, tp = 25ms
(2) PGM = 20W, tp = 1ms
(3) PGM = 40W, tp = 5ms
(4) PGM = 80W, tp = 2.5ms
(1)
(4)


Similar Part No. - VSKTF200-12HKP_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKTF200 VISHAY-VSKTF200 Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
VSKTF20012HJP VISHAY-VSKTF20012HJP Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
VSKTF20012HKP VISHAY-VSKTF20012HKP Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
More results

Similar Description - VSKTF200-12HKP_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
11-Mar-11
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
IRKF180 IRF-IRKF180 Datasheet
241Kb / 8P
   FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
Revision: 19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
11-Mar-11
logo
Nell Semiconductor Co.,...
NKT250 NELLSEMI-NKT250 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 250A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKTF200 VISHAY-VSKTF200 Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
logo
Nell Semiconductor Co.,...
NKT330 NELLSEMI-NKT330 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 330A( MAGN-A-PAK Power Modules)
NKT350 NELLSEMI-NKT350 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 350A( MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com